Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1808609 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 1808609
Description  The figure shows a 10-position version of the product
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1808609 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IC 2,5/16-G-5,08 Order No.: 1786543
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1786543
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Feb 4, 2011
0201647
RPS
Reducing plug, Color: gray
Additional products
Item
Designation
Description
General
0707374
DFK-MSTB 2,5/16-G-5,08
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 16, Pitch: 5.08 mm, Color: green,
Metal surface: Sn, Assembly: Direct mounting, Accessory
order no. 5030172 can only be used in conjunction with MSTB
2,5/...ST-5,08 and MSTBT 2,5/...ST-5,08.
1898978
DFK-MSTBA 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1899278
DFK-MSTBVA 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1880449
EMSTBA 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Press-in
1859658
EMSTBVA 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Press-in
1873498
FKIC 2,5/16-ST-5,08
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320
V, Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn
1786310
IC 2,5/16-ST-5,08
Plug component, Nominal current: 12 A, Rated voltage (III/2): 400
V, Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn
1823985
ICC 2,5/16-STZ-5,08
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320
V, Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Corresponding male crimp contacts with current
[A] and conductor cross section range [mm²] data: 10A/ICC-MT
0,5-1,0 (3190577); 10A/ICC-MT 0,5-1,0 BA (3190603); 12A/ICC-
MT 1,5-2,5 (3190580); 12A/ICC-MT 1,5-2,5 BA (3190593). BA =
Bandkontakte
1762509
MDSTB 2,5/16-G1-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1762648
MDSTBV 2,5/16-G1-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn