Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1808609 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part No. 1808609
Description  The figure shows a 10-position version of the product
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1808609 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1808609 Datasheet HTML 1Page - PHOENIX CONTACT 1808609 Datasheet HTML 2Page - PHOENIX CONTACT 1808609 Datasheet HTML 3Page - PHOENIX CONTACT 1808609 Datasheet HTML 4Page - PHOENIX CONTACT 1808609 Datasheet HTML 5Page - PHOENIX CONTACT 1808609 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IC 2,5/16-G-5,08 Order No.: 1786543
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1786543
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Feb 4, 2011
1759156
MSTB 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1770850
MSTB 2,5/16-G-5,08-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1757381
MSTBA 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1768082
MSTBA 2,5/16-G-5,08-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1758157
MSTBV 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1808609
MSTBV 2,5/16-GEH-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1755875
MSTBVA 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1735743
MSTBW 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1769609
SMSTB 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1767517
SMSTBA 2,5/16-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 16, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
Diagrams/Drawings
Drilling plan/solder pad geometry


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn