Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD6415ANL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVD6415ANL
Description  N-Channel Power MOSFET 100 V, 23 A, 56 m Logic Level
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD6415ANL Datasheet(HTML) 3 Page - ON Semiconductor

  NVD6415ANL Datasheet HTML 1Page - ON Semiconductor NVD6415ANL Datasheet HTML 2Page - ON Semiconductor NVD6415ANL Datasheet HTML 3Page - ON Semiconductor NVD6415ANL Datasheet HTML 4Page - ON Semiconductor NVD6415ANL Datasheet HTML 5Page - ON Semiconductor NVD6415ANL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTD6415ANL, NVD6415ANL
http://onsemi.com
3
0
5
10
15
20
25
30
35
40
45
012345
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
TJ = 25°C
VGS = 10 V
5 V
4 V
3.6 V
3.4 V
3.2 V
3.0 V
2.8 V
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
VDS w 10 V
TJ = 125°C
TJ = −55°C
TJ = 25°C
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Region versus Gate Voltage
0.040
0.042
0.044
0.046
0.048
0.050
5
10152025
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain
Current and Gate Voltage
VGS = 4.5 V
VGS = 10 V
TJ = 25°C
0.5
1.0
1.5
2.0
2.5
3.0
−50 −25
0
25
50
75
100 125 150 175
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = 23 A
VGS = 4.5 V
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
100
1000
10000
10
20
30
40
50
60
70
80
90 100
TJ = 125°C
VGS = 0 V
TJ = 150°C
0
5
10
15
20
25
30
35
40
45
12
34
0.040
0.042
0.044
0.046
0.048
0.050
2
345
6
7
89
10
ID = 23 A
TJ = 25°C


Similar Part No. - NVD6415ANL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD6415ANLT4G ONSEMI-NVD6415ANLT4G Datasheet
78Kb / 6P
   N-Channel Power MOSFET
August, 2016 ??Rev. 4
NVD6415ANLT4G-VF01 ONSEMI-NVD6415ANLT4G-VF01 Datasheet
78Kb / 6P
   N-Channel Power MOSFET
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com