Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS822RGZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS822RGZR
Description  FLATLINK LVDS RECEIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS822RGZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS822RGZR Datasheet HTML 2Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 3Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 4Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 5Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 6Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 7Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 8Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 9Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SN65LVDS822
SLLSEE8A – SEPTEMBER 2013 – REVISED OCTOBER 2013
www.ti.com
TERMINAL FUNCTIONS (continued)
NAME
NO.
I/O
DESCRIPTION
Selects the CMOS output pinout, and also controls differential input termination.
Low – Default pinout, RID connected
SWAP
45
Floating – Default pinout, RID disconnected (requires external termination)
High – Swapped pinout, RID connected
Sets the number of LVDS serial bits per lane per clock period.
MODE14
36
Low – 7 bits (see Figure 8)
High – 14 bits; only lanes A0 and A2 are used (see Figure 9)
CLKOUT polarity
CMOS Input
Low – D[26:0] is valid during the CLKOUT falling edge
CLKPOL
23
Floating – Reserved; do not use
High – D[26:0] is valid during the CLKOUT rising edge
SHTDN#
37
Shutdown Mode; Active-Low
Sets the CMOS output slew rate
Low – Slowest rise/fall time
SLEW
35
Floating – Medium rise/fall time
High – Fastest rise/fall time
VDD
24, 44
Main power supply; 3.3 V
VDDIO
6, 17, 43
Power Supply
Power supply for CMOS outputs; 1.8 V to 3.3 V
GND
Thermal Pad
Reference Ground
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :SN65LVDS822


Similar Part No. - SN65LVDS822RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS822 TI1-SN65LVDS822 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
More results

Similar Description - SN65LVDS822RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN75LVDS86 TI1-SN75LVDS86_08 Datasheet
406Kb / 17P
[Old version datasheet]   FLATLINK RECEIVER
SN65LVDS86AQ TI-SN65LVDS86AQ Datasheet
269Kb / 15P
[Old version datasheet]   FLATLINK RECEIVER
SN75LVDS82 TI1-SN75LVDS82_15 Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
SN65LVDS86A-Q1 TI1-SN65LVDS86A-Q1 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
SN75LVDS82DGGR TI-SN75LVDS82DGGR Datasheet
699Kb / 18P
[Old version datasheet]   FlatLink??RECEIVER
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
logo
Texas Instruments
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com