Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD5890NT4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVD5890NT4G
Description  Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5890NT4G Datasheet(HTML) 4 Page - ON Semiconductor

  NVD5890NT4G Datasheet HTML 1Page - ON Semiconductor NVD5890NT4G Datasheet HTML 2Page - ON Semiconductor NVD5890NT4G Datasheet HTML 3Page - ON Semiconductor NVD5890NT4G Datasheet HTML 4Page - ON Semiconductor NVD5890NT4G Datasheet HTML 5Page - ON Semiconductor NVD5890NT4G Datasheet HTML 6Page - ON Semiconductor NVD5890NT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NVD5890N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
7 V
1
10
100
1000
0
4
8
12
16
2024
283236
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance vs. Drain Current
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
2
3
456
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 150°C
0
2
4
6
8
10
12
14
16
18
20
40
80
120
160
VGS = 5 V
TJ = 25°C
VGS = 10 V
0.5
0.75
1.0
1.25
1.5
1.75
2.0
−50 −25
0
25
50
75
100 125 150 175
VGS = 10 V
ID = 50 A
VGS = 0 V
TJ = 150°C
TJ = 175°C
0
20
100
140
200
01
2
5
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
34
40
60
80
120
160
180
TJ = 25°C
VGS = 5 V
10 V
6 V
4 V
4.5 V
4.2 V
3.8 V
3.6 V
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID = 50 A
0
4
10
34
6
10
79
2
6
TJ = 25°C
58
220
240
260
280
300
0
20
100
140
200
40
60
80
120
160
180
220
240
260
280
300
12
16
20
14
18
8
0
200
240
280
40


Similar Part No. - NVD5890NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5890NT4G ONSEMI-NVD5890NT4G Datasheet
217Kb / 8P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
May, 2017 ??Rev. 2
NVD5890NT4G-VF01 ONSEMI-NVD5890NT4G-VF01 Datasheet
217Kb / 8P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
May, 2017 ??Rev. 2
More results

Similar Description - NVD5890NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5890N ONSEMI-NVD5890N Datasheet
217Kb / 8P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
May, 2017 ??Rev. 2
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD5803N ONSEMI-NTD5803N Datasheet
111Kb / 6P
   Power MOSFET 40 V, 76 A, Single N?묬hannel, DPAK
December, 2008 ??Rev. 0
NTD5406N ONSEMI-NTD5406N Datasheet
133Kb / 5P
   Power MOSFET 40 V, 70 A, Single N?묬hannel, DPAK
May, 2009 ??Rev. 2
NTD5805N ONSEMI-NTD5805N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 51 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NVD5803N ONSEMI-NVD5803N Datasheet
106Kb / 6P
   Power MOSFET 40 V, 85 A, Single N?묬hannel, DPAK
April, 2010 ??Rev. 0
NTD5806N ONSEMI-NTD5806N Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com