Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3517 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. 3517
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3517 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3517 Datasheet HTML 1Page - Allegro MicroSystems 3517 Datasheet HTML 2Page - Allegro MicroSystems 3517 Datasheet HTML 3Page - Allegro MicroSystems 3517 Datasheet HTML 4Page - Allegro MicroSystems 3517 Datasheet HTML 5Page - Allegro MicroSystems 3517 Datasheet HTML 6Page - Allegro MicroSystems 3517 Datasheet HTML 7Page - Allegro MicroSystems 3517 Datasheet HTML 8Page - Allegro MicroSystems 3517 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3517 AND 3518
RATIOMETRIC,
LINEAR HALL-EFFECT SENSORS
FOR HIGH-TEMP. OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
MAGNETIC CHARACTERISTICS over operating temperature range, at V
CC = 5 V, IO = -1 mA
(unless otherwise noted).
Part Numbers
A3517SUA
A3517LUA
A3518SUA
A3518LUA
Characteristic*
Min. Typ. Max.
Min. Typ. Max.
Min. Typ. Max.
Min. Typ. Max.
Units
Operating Temp. Range, T
A
-20
+85
-40
+150
-20
+85
-40
+150
°C
Sensitivity at T
A = 25°C
4.0
5.0
6.0
4.0
5.0
6.0
2.0
2.5
3.0
2.0
2.5
3.0
mV/G
∆Sens
(
∆T) at TA = Max.
-5.0
2.5
10
-5.0
2.5
10
-5.0
2.5
10
-5.0
2.5
10
%
∆Sens
(
∆T) at TA = Min.
-9.0
-1.3
6.0
-9.0
-1.3
6.0
-9.0
-1.3
6.0
-9.0
-1.3
6.0
%
∆V
OQ(
∆T)
––
±20
––
±20
––
±20
––
±20
G
Ratiometry,
∆V
OQ(
∆V)
100
––
100
––
100
––
100
%
Ratiometry,
∆Sens
(
∆V)
100
––
100
––
100
––
100
%
Positive Linearity, Lin+
100
––
100
––
100
––
100
%
Negative Linearity, Lin––
100
––
100
––
100
––
100
%
Symmetry
100
––
100
––
100
––
100
%
NOTE 1 – Magnetic flux density is measured at most sensitive area of device located 0.018" (0.46 mm) below the
branded face of the package.
NOTE 2 – 10 G = 1 mT, exactly.
NOTE 3 – Except for
∆Sens
(
∆T), typical data is at TA = 25°C and is for design information only.
* See Characteristics Definitions for test conditions.
† This calculation (formula 1, next page) yields the device’s equivalent accuracy, over the operating temperature range, in
gauss.


Similar Part No. - 3517

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
3517 LINER-3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
Lumberg
Lumberg
3517 LUMBERG-3517 Datasheet
277Kb / 3P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3517 LUMBERG-3517 Datasheet
883Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3517-1 LUMBERG-3517-1 Datasheet
277Kb / 3P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3517-1 LUMBERG-3517-1 Datasheet
447Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 3517

ManufacturerPart No.DatasheetDescription
Allegro MicroSystems
Allegro MicroSystems
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz