Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3515 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part No. 3515
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3515 Datasheet(HTML) 6 Page - Allegro MicroSystems

  3515 Datasheet HTML 1Page - Allegro MicroSystems 3515 Datasheet HTML 2Page - Allegro MicroSystems 3515 Datasheet HTML 3Page - Allegro MicroSystems 3515 Datasheet HTML 4Page - Allegro MicroSystems 3515 Datasheet HTML 5Page - Allegro MicroSystems 3515 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3515 AND 3516
RATIOMETRIC,
LINEAR
HALL-EFFECT SENSORS
www.allegromicro.com
5
Ratiometry. The A3515xUA and A3516xUA feature a
ratiometric output. The quiescent voltage output and sensitivity
are proportional to the supply voltage (ratiometric).
The per cent ratiometric change in the quiescent voltage
output is defined as
∆V
OQ(
∆V) =
V
OQ(VCC) / VOQ(5V)
x 100%
(4)
V
CC / 5 V
and the per cent ratiometric change in sensitivity is defined as
∆Sens
(
∆V) =
Sens
(VCC) / Sens(5V)
x 100%
(5)
V
CC / 5 V
Linearity and Symmetry. The on-chip output stage is de-
signed to provide a linear output to within 500 mV of either rail
with a supply voltage of 5 V. This is equivalent to approxi-
mately
±800 gauss of ambient field. Although application of
stronger magnetic fields will not damage these devices, it will
force the output into a non-linear region. Linearity in per cent
is measured and defined as
Lin+ =
V
O(500G) – VOQ
x 100%
(6)
2 (V
O(250G) – VOQ)
Lin– =
V
O(-500G) – VOQ
x 100%
(7)
2 (V
O(-250G) – VOQ)
and output symmetry as
Sym =
V
O(500G) – VOQ
x 100%
(8)
V
OQ – VO(-500G)
CHARACTERISTICS DEFINITIONS
Quiescent Voltage Output. In the quiescent state (no mag-
netic field), the output is ideally equal to one-half of the supply
voltage over the operating voltage and temperature range (V
OQ
∪ V
CC/2). Due to internal component tolerances and thermal
considerations, there is a tolerance on the quiescent voltage
output and on the quiescent voltage output as a function of
supply voltage and ambient temperature. For purposes of
specification, the quiescent voltage output as a function of
temperature is defined as
∆V
OQ(
∆T) =
V
OQ(TA) – VOQ(25
°C)
(1)
Sens
(25
°C)
This calculation yields the device’s equivalent accuracy,
over the operating temperature range, in gauss.
Sensitivity. The presence of a south-pole magnetic field
perpendicular to the package face (the branded surface) will
increase the output voltage from its quiescent value toward the
supply voltage rail by an amount proportional to the magnetic
field applied. Conversely, the application of a north pole will
decrease the output voltage from its quiescent value. This
proportionality is specified as the sensitivity of the device and
is defined as
Sens =
V
O(500G) – VO(-500G)
(2)
1000 G
The stability of sensitivity as a function of temperature is
defined as
∆Sens
(
∆T) =
Sens
(TA) – Sens(25
°C)
x 100%
(3)
Sens
(25
°C)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn