Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3515 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. 3515
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3515 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3515 Datasheet HTML 1Page - Allegro MicroSystems 3515 Datasheet HTML 2Page - Allegro MicroSystems 3515 Datasheet HTML 3Page - Allegro MicroSystems 3515 Datasheet HTML 4Page - Allegro MicroSystems 3515 Datasheet HTML 5Page - Allegro MicroSystems 3515 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3515 AND 3516
RATIOMETRIC,
LINEAR
HALL-EFFECT SENSORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
MAGNETIC CHARACTERISTICS over operating temperature range, at V
CC = 5 V, IO = -1 mA
(unless otherwise noted).
Part Numbers
A3515EUA
A3515LUA
A3516EUA
A3516LUA
Characteristic*
Min. Typ. Max.
Min. Typ. Max.
Min. Typ. Max.
Min. Typ. Max.
Units
Operating Temp. Range, T
A
-40
+85
-40
+150
-40
+85
-40
+150
°C
Sensitivity at T
A = 25°C
4.50 5.00 5.50
4.50 5.00 5.50
2.25 2.50 2.75
2.25 2.50 2.75
mV/G
∆Sens
(
∆T) at TA = Max.
-2.5
2.5
7.5
-2.5
2.5
7.5
-2.5
2.5
7.5
-2.5
2.5
7.5
%
∆Sens
(
∆T) at TA = Min.
-9.0
-1.3
1.0
-9.0
-1.3
1.0
-9.0
-1.3
1.0
-9.0
-1.3
1.0
%
∆V
OQ(
∆T)
––
±10
±10
±10
±10
G
Ratiometry,
∆V
OQ(
∆V)
100
100
100
100
%
Ratiometry,
∆Sens
(
∆V)
100
100
100
100
%
Positive Linearity, Lin+
100
100
100
100
%
Negative Linearity, Lin–
100
100
100
100
%
Symmetry
100
100
100
100
%
NOTE 1 – Magnetic flux density is measured at most sensitive area of device located 0.0195" (0.50 mm) below the branded face of
the “UA” package.
NOTE 2 – 10 G = 1 mT, exactly.
NOTE 3 – Except for
∆Sens
(
∆T), typical data is at TA = 25°C and is for design information only.
* See Characteristics Definitions for test conditions.
† This calculation (formula 1, next page) yields the device’s equivalent accuracy, over the operating temperature range, in gauss.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn