Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LBC173MKGD2 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LBC173MKGD2
Description  QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55LBC173MKGD2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN55LBC173MKGD2 Datasheet HTML 3Page - Texas Instruments SN55LBC173MKGD2 Datasheet HTML 4Page - Texas Instruments SN55LBC173MKGD2 Datasheet HTML 5Page - Texas Instruments SN55LBC173MKGD2 Datasheet HTML 6Page - Texas Instruments SN55LBC173MKGD2 Datasheet HTML 7Page - Texas Instruments SN55LBC173MKGD2 Datasheet HTML 8Page - Texas Instruments SN55LBC173MKGD2 Datasheet HTML 9Page - Texas Instruments SN55LBC173MKGD2 Datasheet HTML 10Page - Texas Instruments SN55LBC173MKGD2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4Y
3Y
2Y
1Y
13
11
5
3
15
14
9
10
7
6
1
2
12
4
4B
4A
3B
3A
2B
2A
1B
1A
G
G
4B
4A
3B
3A
2B
2A
1B
1A
G
G
4Y
3Y
2Y
1Y
13
11
5
3
15
14
9
10
7
6
1
2
12
4
≥ 1
TYPICAL OF ALL OUTPUTS
VCC
Y Output
EQUIVALENT OF A AND B INPUTS
12 k
3 k
18 k
1 k
VCC
Input
100 k
A Only
100 k
B Only
Input
VCC
Receiver
TYPICAL OF G AND G INPUTS
SN55LBC173-HIREL
www.ti.com
SGLS415A – OCTOBER 2013 – REVISED OCTOBER 2013
DEVICE INFORMATION
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
FUNCTION TABLE (EACH RECIEVER)
DIFFERENTIAL INPUTS
ENABLES
OUTPUT
A - B
G
G
Y
H
X
H
VID ≥ 0.2 V
X
L
H
H
X
?
-0.2 < VID < 0.2 V
X
L
?
H
X
L
VID ≤ -0.2 V
X
L
L
X
L
H
Z
H
X
H
Open circuit
X
L
H
Figure 4. Logic Symbol
Figure 5. Logic Diagram (Positive Logic)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN55LBC173-HIREL


Similar Part No. - SN55LBC173MKGD2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173 Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI1-SN55LBC173 Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI1-SN55LBC173 Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
More results

Similar Description - SN55LBC173MKGD2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173 TI-SNJ55LBC173 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173_07 Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC175 TI-SN55LBC175 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN55LBC175 TI-SN55LBC175_04 Datasheet
321Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com