Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMD6P02R2SG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMD6P02R2SG
Description  Power MOSFET 6 A, 20 V, P?묬hannel SOIC??, Dual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMD6P02R2SG Datasheet(HTML) 2 Page - ON Semiconductor

  NTMD6P02R2SG Datasheet HTML 1Page - ON Semiconductor NTMD6P02R2SG Datasheet HTML 2Page - ON Semiconductor NTMD6P02R2SG Datasheet HTML 3Page - ON Semiconductor NTMD6P02R2SG Datasheet HTML 4Page - ON Semiconductor NTMD6P02R2SG Datasheet HTML 5Page - ON Semiconductor NTMD6P02R2SG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTMD6P02, NVMD6P02
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)*
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = −250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
−20
−11.6
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = −20 Vdc, VGS = 0 Vdc, TJ = 25°C)
(VDS = −20 Vdc, VGS = 0 Vdc, TJ = 70°C)
IDSS
−1.0
−5.0
mAdc
Gate−Body Leakage Current
(VGS = −12 Vdc, VDS = 0 Vdc)
IGSS
−100
nAdc
Gate−Body Leakage Current
(VGS = +12 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = VGS, ID = −250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
−0.6
−0.88
2.6
−1.20
Vdc
mV/°C
Static Drain−to−Source On−State Resistance
(VGS = −4.5 Vdc, ID = −6.2 Adc)
(VGS = −2.5 Vdc, ID = −5.0 Adc)
(VGS = −2.5 Vdc, ID = −3.1 Adc)
RDS(on)
0.027
0.038
0.038
0.033
0.050
W
Forward Transconductance (VDS = −10 Vdc, ID = −6.2 Adc)
gFS
15
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = −16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
1380
1700
pF
Output Capacitance
Coss
515
775
Reverse Transfer Capacitance
Crss
250
450
SWITCHING CHARACTERISTICS (Notes 5 and 6)
Turn−On Delay Time
(VDD = −10 Vdc, ID = −1.0 Adc,
VGS = −10 Vdc,
RG = 6.0 W)
td(on)
15
25
ns
Rise Time
tr
20
50
Turn−Off Delay Time
td(off)
85
125
Fall Time
tf
50
110
Turn−On Delay Time
(VDD = −16 Vdc, ID = −6.2 Adc,
VGS = −4.5 Vdc,
RG = 6.0 W)
td(on)
17
ns
Rise Time
tr
65
Turn−Off Delay Time
td(off)
50
Fall Time
tf
80
Total Gate Charge
(VDS = −16 Vdc,
VGS = −4.5 Vdc,
ID = −6.2 Adc)
Qtot
20
35
nC
Gate−Source Charge
Qgs
4.0
Gate−Drain Charge
Qgd
8.0
BODY−DRAIN DIODE RATINGS (Note 5)
Diode Forward On−Voltage
(IS = −1.7 Adc, VGS = 0 Vdc)
(IS = −1.7 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−0.80
−0.65
−1.2
Vdc
Diode Forward On−Voltage
(IS = −6.2 Adc, VGS = 0 Vdc)
(IS = −6.2 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−0.95
−0.80
Vdc
Reverse Recovery Time
(IS = −1.7 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
50
80
ns
ta
20
tr
30
Reverse Recovery Stored Charge
QRR
0.04
mC
5. Indicates Pulse Test: Pulse Width = 300 ms max, Duty Cycle = 2%.
6. Switching characteristics are independent of operating junction temperature.
*Handling precautions to protect against electrostatic discharge are mandatory.


Similar Part No. - NTMD6P02R2SG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD6P02R2 ONSEMI-NTMD6P02R2 Datasheet
124Kb / 8P
   Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
November, 2000 ??Rev. 1
NTMD6P02R2 ONSEMI-NTMD6P02R2 Datasheet
87Kb / 6P
   Power MOSFET
April, 2015 ??Rev. 5
NTMD6P02R2G ONSEMI-NTMD6P02R2G Datasheet
87Kb / 6P
   Power MOSFET
April, 2015 ??Rev. 5
NTMD6P02R2 ONSEMI-NTMD6P02R2_15 Datasheet
87Kb / 6P
   Power MOSFET
April, 2015 ??Rev. 5
More results

Similar Description - NTMD6P02R2SG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4840N ONSEMI-NTMD4840N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 7.5 A, Dual N?묬hannel, SOIC??
September, 2009 ??Rev. 1
NTHD2102P ONSEMI-NTHD2102P Datasheet
54Kb / 6P
   Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
NTMS4800N ONSEMI-NTMS4800N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
NTMS4840N ONSEMI-NTMS4840N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 7.5 A, Single N?묬hannel, SOIC??
September, 2009 ??Rev. 1
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
   Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTMD6N03R2G ONSEMI-NTMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com