Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3507 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part No. 3507
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3507 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3507 Datasheet HTML 1Page - Allegro MicroSystems 3507 Datasheet HTML 2Page - Allegro MicroSystems 3507 Datasheet HTML 3Page - Allegro MicroSystems 3507 Datasheet HTML 4Page - Allegro MicroSystems 3507 Datasheet HTML 5Page - Allegro MicroSystems 3507 Datasheet HTML 6Page - Allegro MicroSystems 3507 Datasheet HTML 7Page - Allegro MicroSystems 3507 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3507 AND 3508
RATIOMETRIC,
LINEAR HALL-EFFECT SENSORS
FOR HIGH-TEMP. OPERATION
600
400
200
20
60
100
140
0
AMBIENT TEMPERATURE in
°C
Dwg. GH-046A
"U" PACKAGE
RθJA = 183
°C/W
"UA" PACKAGE
RθJA = 206
°C/W
40
80
120
160
700
500
300
100
VCC
X
Dwg. FH-011
GROUND
2
OUTPUT
3
1
Copyright © 1994, 2000, Allegro MicroSystems, Inc.
ELECTRICAL CHARACTERISTICS over operating temperature range, at V
CC = 5 V (unless otherwise
noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating
4.5
5.0
5.5
V
Supply Current
I
CC
B = 0, V
CC = 5.5 V, IO = 0
10
mA
Quiescent
V
OQ
B = 0, I
O = 1 mA, TA = 25°C
2.0
2.5
3.0
V
Voltage Output
B = 0, I
O = 1 mA
1.8
2.5
3.2
V
Output Voltage
V
OH
B = +X*, I
O = 1 mA
4.5
4.8
V
V
OL
B = -X*, I
O = -1 mA
0.2
0.5
V
Bandwidth (-3 dB)
BW
20
kHz
Output Resistance
r
O
–2.5
10
Wide-Band
e
o
B = 0, BW = 10 Hz to 10 kHz,
125
µV
Output Noise
T
A = 25°C
Negative current is defined as coming out of (sourcing) the output.
* This test requires positive and negative fields sufficient to swing the output driver between fully OFF and saturated (ON), respec-
tively. It is NOT intended to indicate a range of linear operation.
FUNCTIONAL BLOCK DIAGRAM


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn