Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4322S-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA4322S-Q1
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4322S-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4322S-Q1 Datasheet HTML 2Page - Texas Instruments OPA4322S-Q1 Datasheet HTML 3Page - Texas Instruments OPA4322S-Q1 Datasheet HTML 4Page - Texas Instruments OPA4322S-Q1 Datasheet HTML 5Page - Texas Instruments OPA4322S-Q1 Datasheet HTML 6Page - Texas Instruments OPA4322S-Q1 Datasheet HTML 7Page - Texas Instruments OPA4322S-Q1 Datasheet HTML 8Page - Texas Instruments OPA4322S-Q1 Datasheet HTML 9Page - Texas Instruments OPA4322S-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
1
2
3
4
5
6
7
16
15
14
13
12
11
10
OUTD
-IND
+IND
V
-
+INC
-INC
OUTC
OUTA
-INA
+INA
V+
+INB
-INB
OUTB
8
9
SHDNC/D
SHDNA/B
A
D
B
C
1
2
3
4
8
7
6
5
V+
OUT B
-
IN B
+IN B
OUT A
-
IN A
+IN A
V
-
A
B
1
2
3
4
5
10
9
8
7
6
V+
VOUTB
-
INB
+INB
SHDNB
VOUTA
-
INA
+INA
V
-
SHDNA
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTD
-
IND
+IND
V
-
+INC
-
INC
OUTC
OUTA
-
INA
+INA
V+
+INB
-
INB
OUTB
A
D
B
C
1
2
3
6
5
4
V+
SHDN
-
IN
VOUT
V
-
+IN
OUTA
-INA
+INA
V-
1
2
3
4
V+
OUTB
-INB
+INB
8
7
6
5
Exposed
Thermal
DiePad
on
Underside
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
OPA322-Q1, OPA322S-Q1
OPA2322-Q1, OPA2322S-Q1
OPA4322-Q1, OPA4322S-Q1
SLOS856A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
PIN CONFIGURATIONS
DBV PACKAGE
DRG PACKAGE(1)(2)
SOT23-5
DFN-8
(TOP VIEW)
(TOP VIEW)
DBV PACKAGE
SOT23-6
(TOP VIEW)
PW PACKAGE
TSSOP-14
(TOP VIEW)
DGS PACKAGE
MSOP-10
(TOP VIEW)
PW PACKAGE
TSSOP-16
(TOP VIEW)
D, DGK PACKAGES
SO-8, MSOP-8
(TOP VIEW)
(1)
Connect thermal pad to V–.
(2)
Pad size: 2 mm × 1.2 mm.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA322-Q1 OPA322S-Q1 OPA2322-Q1 OPA2322S-Q1 OPA4322-Q1 OPA4322S-Q1


Similar Part No. - OPA4322S-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4322S-Q1 TI1-OPA4322S-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
More results

Similar Description - OPA4322S-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com