Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4322-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4322-Q1
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4322-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4322-Q1 Datasheet HTML 4Page - Texas Instruments OPA4322-Q1 Datasheet HTML 5Page - Texas Instruments OPA4322-Q1 Datasheet HTML 6Page - Texas Instruments OPA4322-Q1 Datasheet HTML 7Page - Texas Instruments OPA4322-Q1 Datasheet HTML 8Page - Texas Instruments OPA4322-Q1 Datasheet HTML 9Page - Texas Instruments OPA4322-Q1 Datasheet HTML 10Page - Texas Instruments OPA4322-Q1 Datasheet HTML 11Page - Texas Instruments OPA4322-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
60
40
20
0
20
-
10k
100M
Frequency(Hz)
100k
1M
10M
G=+1V/V
G=+10V/V
G=+100V/V
V =+1.8V
R =10k
C =50pF
S
L
L
W
60
40
20
0
20
-
10k
100M
Frequency(Hz)
100k
1M
10M
G=+1V/V
G=+10V/V
G=+100V/V
V =+5.5V
R =10k
C =50pF
S
L
L
W
1000
100
10
1
10
1M
Frequency(Hz)
100
1k
10k
100k
V =1.8Vto5.5V
S
6
5
4
3
2
1
0
1
2
3
4
-
-
-
-
0
10
Time(s)
1
2
3
8
9
7
6
5
4
14
12
10
8
6
4
2
0
OffsetVoltage(mV)
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
-3
3
Common-ModeVoltage(V)
2
-2
-1
0
1
RepresentativeUnits
V = 2.75V
S
±
OPA322-Q1, OPA322S-Q1
OPA2322-Q1, OPA2322S-Q1
OPA4322-Q1, OPA4322S-Q1
SLOS856A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VCM = VOUT = mid-supply, and RL = 10 kΩ, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION HISTOGRAM
OFFSET VOLTAGE versus COMMON-MODE VOLTAGE
Figure 7.
Figure 8.
INPUT VOLTAGE NOISE SPECTRAL DENSITY versus
FREQUENCY
0.1 Hz TO 10 Hz INPUT VOLTAGE NOISE
Figure 9.
Figure 10.
CLOSED-LOOP GAIN versus FREQUENCY
CLOSED-LOOP GAIN versus FREQUENCY
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA322-Q1 OPA322S-Q1 OPA2322-Q1 OPA2322S-Q1 OPA4322-Q1 OPA4322S-Q1


Similar Part No. - OPA4322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4322-Q1 TI1-OPA4322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA4322-Q1 TI1-OPA4322-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
More results

Similar Description - OPA4322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com