Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9236A13CMR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9236A13CMR
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9236A13CMR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9236A13CMR Datasheet HTML 1Page - Torex Semiconductor XC9236A13CMR Datasheet HTML 2Page - Torex Semiconductor XC9236A13CMR Datasheet HTML 3Page - Torex Semiconductor XC9236A13CMR Datasheet HTML 4Page - Torex Semiconductor XC9236A13CMR Datasheet HTML 5Page - Torex Semiconductor XC9236A13CMR Datasheet HTML 6Page - Torex Semiconductor XC9236A13CMR Datasheet HTML 7Page - Torex Semiconductor XC9236A13CMR Datasheet HTML 8Page - Torex Semiconductor XC9236A13CMR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1/33
XC9235/XC9236/XC9237 Series
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current:IOUT(mA)
PWM/PFM Automatic Sw itching Control
PWM Control
VIN= 4.2V
3.6V
2.4V
VIN= 4.2V
3.6V
2.4V
☆GreenOperation Compatible
■APPLICATIONS
●Mobile phones, Smart phones
●Bluetooth headsets
●Mobile WiMAX PDAs, MIDs, UMPCs
●Portable game consoles
●Digital cameras, Camcorders
●MP3 Players, Portable Media Players
●Notebook computers
ETR0514-011a
■GENERAL DESCRIPTION
The XC9235/XC9236/XC9237 series is a group of synchronous-rectification type DC/DC converters with a built-in 0.42Ω
P-channel MOS driver transistor and 0.52ΩN-channel MOS switching transistor, designed to allow the use of ceramic
capacitors. Operating voltage range is from 2.0V to 6.0V (A∼C types), 1.8V to 6.0V (D∼G types). For the D/F types which
have a reference voltage of 0.8V (accuracy: ±2.0%), the output voltage can be set from 0.9V by using two external resistors.
The A/B/C/E/G types have a fixed output voltage from 0.8V to 4.0V in increments of 0.05V (accuracy: ±2.0%). The device
provides a high efficiency, stable power supply with an output current of 600mA to be configured using only a coil and two
capacitors connected externally.
With the built-in oscillator, either 1.2MHz or 3.0MHz can be selected for suiting to your
particular application. As for operation mode, the XC9235 series is PWM control, the XC9236 series is automatic PWM/PFM
switching control and the XC9237 series can be manually switched between the PWM control mode and the automatic
PWM/PFM switching control mode, allowing fast response, low ripple and high efficiency over the full range of loads (from light
load to heavy load).
The soft start and current control functions are internally optimized. During stand-by, all circuits are shutdown to reduce current
consumption to as low as 1.0μA or less. The B/F/G types have a high speed soft-start as fast as 0.25ms in typical for quick
turn-on. With the built-in UVLO (Under Voltage Lock Out) function, the internal P-channel MOS driver transistor is forced OFF
when input voltage becomes 1.4V or lower.
The B to G types integrate CL discharge function which enables the electric charge at the output capacitor CL to be discharged
via the internal discharge switch located between the LX and VSS pins. When the devices enter stand-by mode, output voltage
quickly returns to the VSS level as a result of this function.
Three types of package SOT-25 (A/B/C types only), USP-6C, and 0.4mm low height USP-6EL (A/B/C types only) are available.
■FEATURES
Driver Transistor Built-In
: 0.42Ω P-ch driver transistor
0.52Ω N-ch switch transistor
Input Voltage
: 2.0V ~ 6.0V (A/B/C types)
1.8V ~ 6.0V (D/E/F/G types)
Output Voltage
: 0.8V ~ 4.0V
High Efficiency
: 92% (TYP.)
Output Current
: 600mA
Oscillation Frequency
: 1.2MHz, 3.0MHz (+15%)
Maximum Duty Cycle
: 100%
Control Methods
: PWM (XC9235)
PWM/PFM Auto (XC9236)
Function
PWM/PFM Manual (XC9237)
: Current Limiter Circuit Built-In
(Constant Current & Latching)
Capacitor
CL Discharge (B/C/D/E/F/G types)
High Speed Soft Start (B/F/G type)
: Low ESR Ceramic Capacitor
Packages
: SOT-25 (A/B/C types only), USP-6C
USP-6EL(A/B/C types only)
Environmentally Friendly
: EU RoHS Compliant, Pb Free
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Efficiency vs. Output Current(fOSC=1.2MHz, VOUT=1.8V)
●XC9235/XC9236/XC9237
A/B/C/E/G types (Output Voltage Fixed)
●XC9235/XC9236/XC9237
D/F types (Output Voltage Externally Set)
■TYPICAL APPLICATION CIRCUIT


Similar Part No. - XC9236A13CMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A08C4R-G TOREX-XC9236A08C4R-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9236A08CER TOREX-XC9236A08CER Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9236A08CER-G TOREX-XC9236A08CER-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9236A08CMR TOREX-XC9236A08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9236A08CMR-G TOREX-XC9236A08CMR-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9236A13CMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com