Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2211-HT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2211-HT
Description  1.1 nV/Hz Noise, Low Power, Precision Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2211-HT Datasheet(HTML) 5 Page - Texas Instruments

  OPA2211-HT Datasheet HTML 1Page - Texas Instruments OPA2211-HT Datasheet HTML 2Page - Texas Instruments OPA2211-HT Datasheet HTML 3Page - Texas Instruments OPA2211-HT Datasheet HTML 4Page - Texas Instruments OPA2211-HT Datasheet HTML 5Page - Texas Instruments OPA2211-HT Datasheet HTML 6Page - Texas Instruments OPA2211-HT Datasheet HTML 7Page - Texas Instruments OPA2211-HT Datasheet HTML 8Page - Texas Instruments OPA2211-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
OPA2211-HT
www.ti.com
SBOS684A – AUGUST 2013 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS: VS = ±2.25V to ±18V
BOLDFACE limits apply over the specified temperature range, TJ = –55°C to +150°C.
At TJ = +25°C, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Standard Grade
OPA2211
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = ±15V
±50
±175
μV
Over Temperature
±350
µV
Drift
dVOS/dT
0.35
μV/°C
vs Power Supply
PSRR
VS = ±2.25V to ±18V
0.1
1
μV/V
Over Temperature
3
μV/V
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = 0V
±60
±215
nA
Over Temperature
±350
nA
Offset Current
IOS
VCM = 0V
±25
±120
nA
Over Temperature
±200
nA
NOISE
Input Voltage Noise
en
f = 0.1Hz to 10Hz
80
nVPP
Input Voltage Noise Density
f = 10Hz
2
nV/
√Hz
f = 100Hz
1.4
nV/
√Hz
f = 1kHz
1.1
nV/
√Hz
Input Current Noise Density
In
f = 10Hz
3.2
pA/
√Hz
f = 1kHz
1.7
pA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
(1)
VCM
VS ≥ ±5V
(V–) + 1.8
(V+) – 1.4
V
VS < ±5V
(V–) + 2
(V+) – 1.4
V
Common-Mode Rejection Ratio
CMRR
VS ≥ ±5V, (V–) + 2V ≤ VCM ≤ (V+) – 2V
114
120
dB
VS < ±5V, (V–) + 2V ≤ VCM ≤ (V+) – 2V
106
120
dB
INPUT IMPEDANCE
Differential
20k || 8
Ω || pF
Common-Mode
Ω || pF
10
9 || 2
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
(V–) + 0.2V
≤ VO ≤ (V+) – 0.2V,
114
130
dB
RL = 10kΩ
AOL
(V–) + 0.6V
≤ VO ≤ (V+) – 0.6V,
110
114
dB
RL = 600Ω
Over Temperature
AOL
(V–) + 0.6V
≤ VO ≤ (V+) – 0.6V,
100
dB
IO ≤ 15mA
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
G = 100
80
MHz
G = 1
45
MHz
Slew Rate
SR
27
V/
μs
Settling Time, 0.01%
tS
VS = ±15V, G = –1, 10V Step, CL = 100pF
400
ns
0.0015% (16-bit)
VS = ±15V, G = –1, 10V Step, CL = 100pF
700
ns
Overload Recovery Time
G = –10
500
ns
Total Harmonic Distortion + Noise
THD+N
G = +1, f = 1kHz,
0.000015
%
VO = 3VRMS, RL = 600Ω
–136
dB
(1)
The OPA2211-HT is not intended to be used as a comparator due to its limited differential input range capability. Refer to the INPUT
PROTECTION section of this data sheet.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA2211-HT


Similar Part No. - OPA2211-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
[Old version datasheet]   1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
More results

Similar Description - OPA2211-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
[Old version datasheet]   1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
logo
National Semiconductor ...
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
logo
Texas Instruments
LMP7731 TI-LMP7731_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
logo
National Semiconductor ...
LMP7731 NSC-LMP7731_08 Datasheet
724Kb / 20P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7732 NSC-LMP7732 Datasheet
753Kb / 20P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7731 NSC-LMP7731_09 Datasheet
739Kb / 18P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
logo
STMicroelectronics
TSH330 STMICROELECTRONICS-TSH330 Datasheet
503Kb / 19P
   1.1 GHz Low-Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com