Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1151PRGTT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1151PRGTT
Description  11.3 Gbps Limiting Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1151PRGTT Datasheet(HTML) 4 Page - Texas Instruments

  ONET1151PRGTT Datasheet HTML 1Page - Texas Instruments ONET1151PRGTT Datasheet HTML 2Page - Texas Instruments ONET1151PRGTT Datasheet HTML 3Page - Texas Instruments ONET1151PRGTT Datasheet HTML 4Page - Texas Instruments ONET1151PRGTT Datasheet HTML 5Page - Texas Instruments ONET1151PRGTT Datasheet HTML 6Page - Texas Instruments ONET1151PRGTT Datasheet HTML 7Page - Texas Instruments ONET1151PRGTT Datasheet HTML 8Page - Texas Instruments ONET1151PRGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ONET1151P
SLLSEH8 – SEPTEMBER 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
PARAMETER
UNIT
MIN
MAX
VCC
Supply voltage(2)
–0.3
4
V
VDIN+, VDIN–
Voltage at DIN+, DIN– (2)
0.5
4
V
VLOS, VCOC1, VCOC2,
VDOUT+, VDOUT–, VDIS,
Voltage at LOS, COC1, COC2, DOUT+, DOUT-, DIS, SDA, SCK (2)
–0.3
4.0
V
VSDA, VSCK
VDIN, DIFF
Differential voltage between DIN+ and DIN–
±2.5
V
IDIN+, IDIN–, IDOUT+,
Continuous current at inputs and outputs
25
mA
IDOUT–
ESD
ESD rating at all pins
2
kV (HBM)
TA
Characterized free-air operating temperature range
–40
100
°C
TJ, max
Maximum junction temperature
125
°C
TSTG
Storage temperature range
–65
150
°C
TC
Case temperature
–40
110
°C
TLEAD
Lead temperature 1.6mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
VALUE
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TA = –40°C to +100°C
2.9
3.3
3.63
VCC
Supply voltage
V
TA = –30°C to +100°C
2.85
3.3
3.63
TA
Operating free-air temperature
–40
100
°C
DIGITAL input high voltage
2.0
V
DIGITAL input low voltage
0.8
V
DC ELECTRICAL CHARACTERISTICS
over recommended operating conditions with 50-
Ω output load, 550 mVp-p output voltage and BIAS bit (Register 7) set to 1,
unless otherwise noted. Typical operating condition is at 3.3 V and TA = 25°C
VALUE
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TA = –40°C to +100°C
2.9
3.3
3.63
VCC
Supply voltage
V
TA = –30°C to +100°C
2.85
3.3
3.63
IVCC
Supply current
DIS = 0, CML currents included
40
52
mA
RIN
Data input resistance
Differential
100
Ω
ROUT
Data output resistance
Single-ended, referenced to VCC
50
Ω
LOS HIGH voltage
ISOURCE = 50 µA with 10 kΩ pull-up to VCC
2.3
V
LOS LOW voltage
ISINK = 10 mA with 10 kΩ pull-up to VCC
0.4
V
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ONET1151P


Similar Part No. - ONET1151PRGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
More results

Similar Description - ONET1151PRGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com