Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1151L Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1151L
Description  11.3 Gbps Low-Power Laser Diode Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1151L Datasheet(HTML) 11 Page - Texas Instruments

Back Button ONET1151L Datasheet HTML 7Page - Texas Instruments ONET1151L Datasheet HTML 8Page - Texas Instruments ONET1151L Datasheet HTML 9Page - Texas Instruments ONET1151L Datasheet HTML 10Page - Texas Instruments ONET1151L Datasheet HTML 11Page - Texas Instruments ONET1151L Datasheet HTML 12Page - Texas Instruments ONET1151L Datasheet HTML 13Page - Texas Instruments ONET1151L Datasheet HTML 14Page - Texas Instruments ONET1151L Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ONET1151L
www.ti.com
SLLSEI7 – DECEMBER 2013
where
ADCx = the decimal value read from the ADC
T_cal = the calibration temperature
ADC_cal = the decimal value read from the ADC at the calibration temperature
(8)
For the photodiode and bias current monitors, a nonzero current must be applied to the ADC in order to read
back a valid result. For the cases when the bias current is set to zero, the DIS pin is set high or the ENA bit is set
to 0, bias current is not applied to the ADC and the digital reading is not valid.
2-WIRE INTERFACE AND CONTROL LOGIC
The ONET1151L device uses a 2-wire serial interface for digital control. The two circuit inputs, SDA and SCK,
are driven, respectively, by the serial data and serial clock from a microprocessor, for example. The SDA and
SCK pins have internal 10-k
Ω pullups to VCC. If a common interface is used to control multiple parts, the internal
pullups can be switched to 40 k
Ω by setting the TWITERM bit to 1 (bit 0 of register 1). The internal pullups
automatically switch to 40 k
Ω, if the slave address is changed from its default value using the ADR0 or ADR1
pins.
The 2-wire interface allows write access to the internal memory map to modify control registers and read access
to read the control signals. The ONET1151L device is a slave device, which means that it cannot initiate a
transmission itself. The ONET1151L device always relies on the availability of the SCK signal for the duration of
the transmission. The master device provides the clock signal as well as the START and STOP commands. The
protocol for a data transmission is as follows:
1. START command
2. 7-bit slave address (0001000) followed by an eighth bit, which is the data direction bit (R/W). 0 indicates a
Write and 1 indicates a Read.
3. 8-bit register address
4. 8-bit register data word
5. STOP command
The first 2 bits of the slave address can be changed to 1 by grounding the ADR0 and ADR1 pins.
Regarding timing, the ONET1151L device is I2C compatible. Figure 2 shows the typical timing. Figure 3 shows a
complete data transfer. Table 4 lists parameters for Figure 2.
Descriptions of various events on the 2-wire interface follow:
Bus idle: Both SDA and SCK lines remain High.
Start data transfer: A change in the state of the SDA line, from High to Low, while the SCK line is High, defines
a Start condition (S). Each data transfer initiates with a Start condition.
Stop data transfer: A change in the state of the SDA line from Low to High while the SCK line is High, defines a
Stop condition (P). Each data transfer is terminated with a Stop condition. However, if the master still wishes to
communicate on the bus, it can generate a repeated Start condition and address another slave without first
generating a Stop condition.
Data transfer: Only one data byte can be transferred between a Start and a Stop condition. The receiver
acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge bit. The
transmitter releases the SDA line and a device that acknowledges must pull down the SDA line during the
acknowledge clock pulse so that the SDA line is stable Low during the High period of the acknowledge clock
pulse. Setup and hold times must be taken into account. When a slave-receiver does not acknowledge the slave
address, the data line must be left High by the slave. The master can then generate a Stop condition to abort the
transfer. If the slave-receiver does acknowledge the slave address, but some time later in the transfer cannot
receive any more data bytes, the master must abort the transfer. The slave indicates by generating no
acknowledgment on the first byte to follow. The slave leaves the data line High, and the master generates the
Stop condition.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ONET1151L


Similar Part No. - ONET1151L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1151M TI-ONET1151M Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
ONET1151MRGTR TI-ONET1151MRGTR Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
ONET1151MRGTT TI-ONET1151MRGTT Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1151P TI-ONET1151P Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
More results

Similar Description - ONET1151L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2843 AD-ADN2843 Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com