Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8728QSQE-ANOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8728QSQE-ANOPB
Description  LP8728-Q1 Quad-Output Step-Down DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8728QSQE-ANOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP8728QSQE-ANOPB Datasheet HTML 1Page - Texas Instruments LP8728QSQE-ANOPB Datasheet HTML 2Page - Texas Instruments LP8728QSQE-ANOPB Datasheet HTML 3Page - Texas Instruments LP8728QSQE-ANOPB Datasheet HTML 4Page - Texas Instruments LP8728QSQE-ANOPB Datasheet HTML 5Page - Texas Instruments LP8728QSQE-ANOPB Datasheet HTML 6Page - Texas Instruments LP8728QSQE-ANOPB Datasheet HTML 7Page - Texas Instruments LP8728QSQE-ANOPB Datasheet HTML 8Page - Texas Instruments LP8728QSQE-ANOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LP8728
FB_B1
SW_B1
VOUT1
FB_B2
SW_B2
VOUT2
FB_B3
SW_B3
VOUT3
FB_B4
SW_B4
VOUT4
1.5 H
EN_B1
EN_B2
EN_B3
EN_B4
PG_B1
PG_B2
PG_B3
PG_B4
Micro
Controller
DEFSEL
AVDD
BYP
VIN
VIN
VIN_B1
VIN
VIN_B2
VIN
VIN
VIN_B3
VIN_B4
VDDIO
1 F
1 F
10 F
1.5 H
1.5 H
1.5 H
10 F
10 F
10 F
10 F
10 F
10 F
10 F
LP8728-Q1
www.ti.com
SNVS972 – AUGUST 2013
LP8728-Q1 Quad-Output Step-Down DC/DC Converter
Check for Samples: LP8728-Q1
1
FEATURES
APPLICATIONS
LP8728-Q1 is an Automotive Grade Product
FPGA, DSP Core Power
that is AECQ-100 Grade 1 Qualified
Processor Power for Mobile Devices
Four High Efficiency Step-Down DC/DC
Peripheral I/O Power
Converters:
Automotive Safety Cameras
93% Peak Efficiency ( VIN = 5.0V, VOUT 3.3V)
Automotive Infotainment
Max Output Current 1.0A
Forced PWM Operation
DESCRIPTION
The LP8728-Q1 is a quad-output Power Management
Soft-Start Control
Unit,
optimized
for
low-power
FPGAs,
VOUT1 = 3.3V
microprocessors, and DSPs. This device integrates
VOUT2 = 1.25V
four highly efficient step-down DC/DC converters into
one package. All the converters operate above the
VOUT3 = 1.8V or 2.65V (pin selectable)
AM band with a fixed 3.2 MHz switching frequency.
VOUT4 = 1.8V
Each buck converter's high-side switch turn-on time is
Separate Enable Inputs for each Converter
phase shifted to minimize input current spikes.
Control
The protection features include output short-circuit
Separate Power Good Outputs for each
protection, switch current limits, input over-voltage
Converter
protection, input under-voltage lockout, and thermal
Output Over-Current and Input Over-Voltage
shutdown
functions.
During
startup,
the
device
Protection
controls the output slew rate to minimize output
voltage overshoot and the input inrush current.
Over-Temperature Protection
The device comes in a 5 x 5 x 0.8 mm 28-pin QFN
Under-Voltage Lockout (UVLO)
package with 0.5 mm pitch.
28-pin 0.5 mm Pitch QFN Package
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8728QSQE-ANOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8728QSQE-A/NOPB TI1-LP8728QSQE-A/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
More results

Similar Description - LP8728QSQE-ANOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8728-Q1 TI1-LP8728-Q1_14 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728D-Q1 TI1-LP8728D-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
logo
Micro Linear Corporatio...
ML4866 MICRO-LINEAR-ML4866 Datasheet
248Kb / 8P
   3.3V Output DC-DC Step-Down Converter
logo
Texas Instruments
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com