Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3996QSDX-1833NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3996QSDX-1833NOPB
Description  Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996QSDX-1833NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3996QSDX-1833NOPB Datasheet HTML 6Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 7Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 8Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 9Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 10Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 11Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 12Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 13Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LP3996-Q1
SNVSA17 – OCTOBER 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, CIN = 1.0 µF Ceramic, COUT1 = COUT2 = 1.0 µF Ceramic, CBYP = 10 nF, VIN = VOUT2(NOM) + 1.0V, TA
= 25°C, VOUT1(NOM) = 3.3V, VOUT2(NOM) = 3.3V, Enable pins are tied to VIN. Typical Performance Characteristics are identical to
the commercial grade product and are reproduced here as information only.
Line Transient, CBYP=10nF
Line Transient, CBYP=0
Figure 17.
Figure 18.
Load Transient, LDO1
Load Transient, LDO2
Figure 19.
Figure 20.
Noise Density LDO1
Noise Density, LDO2
Figure 21.
Figure 22.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP3996-Q1


Similar Part No. - LP3996QSDX-1833NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3996QSDX-1833/NOPB TI1-LP3996QSDX-1833/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results

Similar Description - LP3996QSDX-1833NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
ON Semiconductor
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
ON Semiconductor
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
   low dropout CMOS regulators with 150 mA and 300 mA
logo
ON Semiconductor
NCV866752D250R2G ONSEMI-NCV866752D250R2G Datasheet
233Kb / 20P
   150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com