Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3996QSDX-1833NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3996QSDX-1833NOPB
Description  Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996QSDX-1833NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP3996QSDX-1833NOPB Datasheet HTML 1Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 2Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 3Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 4Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 5Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 6Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 7Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 8Page - Texas Instruments LP3996QSDX-1833NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LP3996-Q1
www.ti.com
SNVSA17 – OCTOBER 2013
ELECTRICAL CHARACTERISTICS
(1) (2)
Unless otherwise noted, VEN = 950 mV, VIN = VOUT + 1.0V, or 2.0V, whichever is higher, where VOUT is the higher of VOUT1 and
VOUT2. CIN = 1 µF, IOUT = 1 mA, COUT1 = COUT2 = 1.0 µF.
Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in boldface type apply over the full
junction temperature range for operation,
−40 to +125°C.
LIMIT
SYMBOL
PARAMETER
CONDITIONS
TYP
UNITS
MIN
MAX
VIN
Input Voltage
See(3)
2
6
V
ΔVOUT
Output Voltage Tolerance
IOUT = 1mA
1.5V < VOUT ≤ 3.3V
–2.5
+2.5
–3.75
+3.75
%
VOUT ≤ 1.5V
–2.75
+2.75
–4
+4
Line Regulation Error
VIN = (VOUT(NOM) + 1.0V) to 6.0V
0.03
0.3
%/V
Load Regulation Error
IOUT = 1 mA to 150 mA
85
155
(LDO 1)
µV/mA
IOUT = 1 mA to 300 mA
26
85
(LDO 2)
VDO
Dropout Voltage(4)
IOUT = 1 mA to 150 mA
110
220
(LDO 1)
mV
IOUT = 1 mA to 300 mA
210
550
(LDO 2)
IQ
Quiescent Current
LDO 1 ON, LDO 2 ON
35
100
IOUT1= IOUT2 = 0 mA
LDO 1 ON, LDO 2 OFF
45
110
IOUT1 = 150 mA
µA
LDO 1 OFF, LDO 2 ON
45
110
IOUT2 = 300 mA
LDO 1 ON, LDO 2 ON
70
170
IOUT1 = 150 mA, IOUT2 = 300 mA
VEN1 = VEN2 = 0.4V
0.5
10
nA
(1)
All Voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
VIN(MIN) = VOUT(NOM) +0.5V, or 2.0V, whichever is higher.
(4)
Dropout voltage is voltage difference between input and output at which the output voltage drops to 100 mV below its nominal value.
This parameter only for output voltages above 2.0V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3996-Q1


Similar Part No. - LP3996QSDX-1833NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3996QSDX-1833/NOPB TI1-LP3996QSDX-1833/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results

Similar Description - LP3996QSDX-1833NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
ON Semiconductor
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
ON Semiconductor
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
   low dropout CMOS regulators with 150 mA and 300 mA
logo
ON Semiconductor
NCV866752D250R2G ONSEMI-NCV866752D250R2G Datasheet
233Kb / 20P
   150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com