Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8728-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP8728-Q1
Description  LP8728-Q1 Quad-Output Step-Down DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8728-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8728-Q1 Datasheet HTML 3Page - Texas Instruments LP8728-Q1 Datasheet HTML 4Page - Texas Instruments LP8728-Q1 Datasheet HTML 5Page - Texas Instruments LP8728-Q1 Datasheet HTML 6Page - Texas Instruments LP8728-Q1 Datasheet HTML 7Page - Texas Instruments LP8728-Q1 Datasheet HTML 8Page - Texas Instruments LP8728-Q1 Datasheet HTML 9Page - Texas Instruments LP8728-Q1 Datasheet HTML 10Page - Texas Instruments LP8728-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Control
Logic
EN_B1
Thermal
Shutdown
Oscillator
Reference
Voltage
OTP
UVLO
DEFSEL
PG_B1
VIN_B1
10 µF
FB_B1
1.5 µH
SW_B1
VIN
VOUT2
VOUT1
PG_B2
PG_B3
PG_B4
EN_B2
EN_B3
EN_B4
VIN
VIN
VIN
( 3.3V )
( 1.25V )
VOUT3
( 1.8V / 2.65V )
VOUT4
( 1.8V )
VIN
LDO
10 µF
Buck1
(Active Pulldown)
Buck2
(Active Pulldown)
VIN_B2
10 µF
FB_B2
1.5 µH
SW_B2
10 µF
Buck3
(Active Pulldown)
VIN_B3
10 µF
FB_B3
1.5 µH
SW_B3
10 µF
Buck4
(Active Pulldown)
VIN_B4
10 µF
FB_B4
1.5 µH
SW_B4
10 µF
AVDD
BYP
1 µF
1 µF
LP8728-Q1
www.ti.com
SNVS972 – AUGUST 2013
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8728-Q1


Similar Part No. - LP8728-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8728-Q1 TI1-LP8728-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728-Q1 TI1-LP8728-Q1_14 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
More results

Similar Description - LP8728-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8728-Q1 TI1-LP8728-Q1_14 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728D-Q1 TI1-LP8728D-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
logo
Micro Linear Corporatio...
ML4866 MICRO-LINEAR-ML4866 Datasheet
248Kb / 8P
   3.3V Output DC-DC Step-Down Converter
logo
Texas Instruments
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com