Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ35003 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ35003
Description  2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ35003 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMZ35003 Datasheet HTML 3Page - Texas Instruments LMZ35003 Datasheet HTML 4Page - Texas Instruments LMZ35003 Datasheet HTML 5Page - Texas Instruments LMZ35003 Datasheet HTML 6Page - Texas Instruments LMZ35003 Datasheet HTML 7Page - Texas Instruments LMZ35003 Datasheet HTML 8Page - Texas Instruments LMZ35003 Datasheet HTML 9Page - Texas Instruments LMZ35003 Datasheet HTML 10Page - Texas Instruments LMZ35003 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
VOUT = 2.5 V,fSW = 400 kHz
G000
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
Output Current (A)
Natural Convection
All Output Voltages
G000
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
VOUT = 2.5 V,fSW = 400 kHz
G000
0
10
20
30
40
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
VOUT = 2.5 V,fSW = 400 kHz
G000
LMZ35003
www.ti.com
SNVS988 – JULY 2013
TYPICAL CHARACTERISTICS (VIN = 12 V) (1) (2)
Figure 1. Efficiency vs. Output Current
Figure 2. Voltage Ripple vs. Output Current
Figure 3. Power Dissipation vs. Output Current
Figure 4. Safe Operating Area
Figure 5. VOUT= 5 V, IOUT= 2 A, COUT1= 44 µF ceramic,
Figure 6. VOUT= 3.3 V, IOUT= 2 A, COUT1= 44 µF ceramic,
COUT2= 56 µF electrolytic, fSW= 500 kHz
COUT2= 56 µF electrolytic, fSW= 400 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 4.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ35003


Similar Part No. - LMZ35003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
More results

Similar Description - LMZ35003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com