Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ35003 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ35003
Description  2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ35003 Datasheet(HTML) 2 Page - Texas Instruments

  LMZ35003 Datasheet HTML 1Page - Texas Instruments LMZ35003 Datasheet HTML 2Page - Texas Instruments LMZ35003 Datasheet HTML 3Page - Texas Instruments LMZ35003 Datasheet HTML 4Page - Texas Instruments LMZ35003 Datasheet HTML 5Page - Texas Instruments LMZ35003 Datasheet HTML 6Page - Texas Instruments LMZ35003 Datasheet HTML 7Page - Texas Instruments LMZ35003 Datasheet HTML 8Page - Texas Instruments LMZ35003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LMZ35003
SNVS988 – JULY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
–0.3
65
V
INH/UVLO
–0.3
5
V
VADJ
–0.3
3
V
Input Voltage
PWRGD
–0.3
6
V
SS/TR
–0.3
3
V
STSEL
–0.3
3
V
RT/CLK
–0.3
3.6
V
PH
–0.6
65
V
Output Voltage
PH 10ns Transient
–2
65
V
VOUT
–0.6
VIN
V
VDIFF (GND to exposed thermal
±200
mV
pad)
RT/CLK
100
µA
Source Current
INH/UVLO
100
µA
SS/TRK
200
µA
Sink Current
PWRGD
10
mA
Operating Junction Temperature
–40
105(2)
°C
Storage Temperature
–65
150
°C
Mechanical Shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
1500
G
Mechanical Vibration
Mil-STD-883D, Method 2007.2, 20-2000Hz
20
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See the temperature derating curves in the Typical Characteristics section for thermal information.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input Voltage
7
50
V
VOUT
Output Voltage
2.5
15
V
fSW
Switching Frequency
400
1000
kHz
TA
Operating Ambient Temperature
-40
85
°C
PACKAGE SPECIFICATIONS
LMZ35003
UNIT
Weight
0.9 grams
Flammability
Meets UL 94 V-O
MTBF Calculated reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
31.7 MHrs
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ35003


Similar Part No. - LMZ35003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
More results

Similar Description - LMZ35003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com