Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ31710RVQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31710RVQR
Description  10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31710RVQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMZ31710RVQR Datasheet HTML 6Page - Texas Instruments LMZ31710RVQR Datasheet HTML 7Page - Texas Instruments LMZ31710RVQR Datasheet HTML 8Page - Texas Instruments LMZ31710RVQR Datasheet HTML 9Page - Texas Instruments LMZ31710RVQR Datasheet HTML 10Page - Texas Instruments LMZ31710RVQR Datasheet HTML 11Page - Texas Instruments LMZ31710RVQR Datasheet HTML 12Page - Texas Instruments LMZ31710RVQR Datasheet HTML 13Page - Texas Instruments LMZ31710RVQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
20
30
40
50
60
70
80
90
0
2
4
6
8
10
Output Current (A)
All Output Voltages
C001
Airflow = 0 LFM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
Output Current (A)
Vo = 2.5V, fsw = 750kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 300kHz
Vo = 0.9V, fsw = 250kHz
Vo = 0.6V, fsw = 200kHz
C004
±120
±90
±60
±30
0
30
60
90
120
±40
±30
±20
±10
0
10
20
30
40
1000
10k
100k
Frequency (Hz)
Gain
Phase
C006
400k
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
Output Current (A)
Vo = 2.5V, fsw = 750kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 300kHz
Vo = 0.9V, fsw = 250kHz
Vo = 0.6V, fsw = 200kHz
C001
5
10
15
20
25
30
0
2
4
6
8
10
Output Current (A)
Vo = 2.5V, fsw = 750kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 300kHz
Vo = 0.9V, fsw = 250kHz
Vo = 0.6V, fsw = 200kHz
C004
LMZ31710
SNVS987A – JULY 2013 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS (PVIN = 3.3 V, VIN = 5 V) (1) (2)
Figure 13. Efficiency vs. Output Current
Figure 14. Voltage Ripple vs. Output Current
Figure 15. Power Dissipation vs. Output Current
Figure 16. VOUT= 1.8 V, IOUT= 10 A, COUT1= 200 µF ceramic,
fSW= 500 kHz
Figure 17. Safe Operating Area
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 13, Figure 14, and Figure 15.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 2 oz. copper.
Applies to Figure 17.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31710


Similar Part No. - LMZ31710RVQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31710 TI-LMZ31710 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31710EVM-001 TI-LMZ31710EVM-001 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results

Similar Description - LMZ31710RVQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com