Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ31704RVQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31704RVQR
Description  4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31704RVQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMZ31704RVQR Datasheet HTML 6Page - Texas Instruments LMZ31704RVQR Datasheet HTML 7Page - Texas Instruments LMZ31704RVQR Datasheet HTML 8Page - Texas Instruments LMZ31704RVQR Datasheet HTML 9Page - Texas Instruments LMZ31704RVQR Datasheet HTML 10Page - Texas Instruments LMZ31704RVQR Datasheet HTML 11Page - Texas Instruments LMZ31704RVQR Datasheet HTML 12Page - Texas Instruments LMZ31704RVQR Datasheet HTML 13Page - Texas Instruments LMZ31704RVQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
-120
-90
-60
-30
0
30
60
90
120
±40
±30
±20
±10
0
10
20
30
40
1000
10k
100k
Frequency (kHz)
Gain
Phase
C001
C001
C001
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
Output Current (A)
Vo = 2.5V, fsw = 750kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 300kHz
Vo = 0.9V, fsw = 250kHz
Vo = 0.6V, fsw = 200kHz
C004
20
30
40
50
60
70
80
90
0
1
2
3
4
Output Current (A)
All Output Voltages
C001
Airflow = 0 LFM
40
50
60
70
80
90
100
0
1
2
3
4
Output Current (A)
Vo = 2.5V, fsw = 750kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 300kHz
Vo = 0.9V, fsw = 250kHz
Vo = 0.6V, fsw = 200kHz
C001
5
10
15
20
25
30
0
1
2
3
4
Output Current (A)
Vo = 2.5V, fsw = 750kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 300kHz
Vo = 0.9V, fsw = 250kHz
Vo = 0.6V, fsw = 200kHz
C004
LMZ31704
SLVSBV8A – JUNE 2013 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS (PVIN = 3.3 V, VIN = 5 V) (1) (2)
Figure 12. Efficiency vs. Output Current
Figure 13. Voltage Ripple vs. Output Current
Figure 14. Power Dissipation vs. Output Current
Figure 15. Safe Operating Area
Figure 16. VOUT= 1.8 V, IOUT= 4 A, COUT= 200 µF ceramic, fSW= 500 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 12, Figure 13, and Figure 14.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm, 4-layer PCB with 2 oz. copper.
Applies to Figure 15.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31704


Similar Part No. - LMZ31704RVQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31704 TI1-LMZ31704 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
More results

Similar Description - LMZ31704RVQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com