Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ31503RUQT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31503RUQT
Description  3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31503RUQT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMZ31503RUQT Datasheet HTML 3Page - Texas Instruments LMZ31503RUQT Datasheet HTML 4Page - Texas Instruments LMZ31503RUQT Datasheet HTML 5Page - Texas Instruments LMZ31503RUQT Datasheet HTML 6Page - Texas Instruments LMZ31503RUQT Datasheet HTML 7Page - Texas Instruments LMZ31503RUQT Datasheet HTML 8Page - Texas Instruments LMZ31503RUQT Datasheet HTML 9Page - Texas Instruments LMZ31503RUQT Datasheet HTML 10Page - Texas Instruments LMZ31503RUQT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
45
46
47
AGND
DNC
AGND
AGND
AGND
DNC
DNC
SS/TR
STSEL
INH/UVLO
PH
PH
PH
PH
PH
PH
INH/UVLO
RT/CLK
DNC
DNC
DNC
VO
VO
VO
VO
VO
VO
VO
DNC
DNC
PWRGD
PGND
PGND
LMZ31503
www.ti.com
SNVS992 – JULY 2013
PIN DESCRIPTIONS (continued)
TERMINAL
DESCRIPTION
NAME
NO.
21
24
25
26
VOUT
Output voltage. Connect output capacitors between these pins and PGND.
27
28
29
47
RUQ PACKAGE
47 PINS
(TOP VIEW)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ31503


Similar Part No. - LMZ31503RUQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31503RUQT TI1-LMZ31503RUQT Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

Similar Description - LMZ31503RUQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI-LMZ31530_15 Datasheet
1Mb / 32P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com