Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3425 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. 3425
Description  DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

3425 Datasheet(HTML) 4 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3425
DUAL, CHOPPER-STABILIZED,
ULTRA-SENSITIVE,
BIPOLAR HALL-EFFECT SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
TYPICAL OPERATING CHARACTERISTICS
as a function of temperature
TOTAL SUPPLY CURRENT
OUTPUT SATURATION VOLTAGE
CHANNEL 2 SWITCH POINTS
0
50
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-026-7
0
5
150
-25
25
75
125
10
15
20
25
-25
-20
-15
-10
-5
RELEASE POINT
VCC = 18-26.5 V
VCC = 3.3-5 V
VCC = 5 V
VCC = 3.3 V
VCC = 18 V
VCC = 26.5 V
OPERATE POINT
0
50
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-026-8
0
5
OPERATE POINT
150
-25
25
75
125
10
15
20
25
-25
-20
-15
-10
-5
RELEASE POINT
VCC = 26.5 V
VCC = 18 V
VCC = 3.3-5 V
VCC = 26.5 V
VCC = 5 V
VCC = 18 V
VCC = 3.3 V
CHANNEL 1 SWITCH POINTS
0
25
50
75
100
300
0
AMBIENT TEMPERATURE IN
°C
200
100
-50
Dwg. GH-029-5
150
-25
125
IOUT = 20 mA
VCC = 26.5 V
VCC = 3.3 V
0
8
6
4
2
0
25
5075100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-028-8
125
-25
150
B
≥ BOP
VCC = 18 V
VCC = 18 V
VCC = 3.3 V
VCC = 3.3 V
B
≤ BRP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn