Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

3425 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part No. 3425
Description  DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

3425 Datasheet(HTML) 12 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
3425
DUAL, CHOPPER-STABILIZED,
ULTRA-SENSITIVE,
BIPOLAR HALL-EFFECT SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
12
The products described herein are manufactured under one or
more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283;
5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719;
5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents
pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to
time, such departures from the detail specifications as may be
required to permit improvements in the performance, reliability, or
manufacturability of its products. Before placing an order, the user is
cautioned to verify that the information being relied upon is current.
Allegro products are not authorized for use as critical components
in life-support appliances, devices, or systems without express written
approval.
The information included herein is believed to be accurate and
reliable. However, Allegro MicroSystems, Inc. assumes no responsi-
bility for its use; nor for any infringements of patents or other rights of
third parties that may result from its use.
HALL-EFFECT SENSORS
Partial Part
Avail. Oper.
Characteristics at TA = +25°C
Number
Temp.
BOP max
BRP min
Bhys typ
Features
Notes
GEARTOOTH/RING MAGNET (DUAL ELEMENT) HALL-EFFECT SENSORS in order of BOP
3060
K/S
+35
-35
30
ac coupled
3422
E/L
+75
-75
46
direction detection
3059
K/S
+100
-100
130
ac coupled
3056
E/L
+150
-150
50
zero-speed
3058
E/L
+250
-250
200
zero-speed
3421
E/L
+280
-280
335
direction detection
SPECIAL-PURPOSE HALL-EFFECT SENSORS
3054
K/S
+300
+5.0
50
unipolar switch, multiplexed
6
3209
E
±60
±5.0
7.7
400
µW, chopper stabilized
3210
E
±60
±5.0
7.7
25
µW, chopper stabilized
3421
E/L
+280
-280
335
direction detection
3422
E/L
+85
-85
46
direction detection
3425
L
+24
-24
19
dual, chopper stabilized
1
Operating Temperature Ranges:
S = -20
°C to +85°C, E = -40°C to +85°C, J = -40°C to +115°C, K = -40°C to +125°C, L = -40°C to +150°C
Notes 1. Protected.
6. Multiplexed two-wire sensor; after proper address, power/signal bus current indicates magnetic field condition.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn