Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3425 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part No. 3425
Description  DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3425 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 3425 Datasheet HTML 2Page - Allegro MicroSystems 3425 Datasheet HTML 3Page - Allegro MicroSystems 3425 Datasheet HTML 4Page - Allegro MicroSystems 3425 Datasheet HTML 5Page - Allegro MicroSystems 3425 Datasheet HTML 6Page - Allegro MicroSystems 3425 Datasheet HTML 7Page - Allegro MicroSystems 3425 Datasheet HTML 8Page - Allegro MicroSystems 3425 Datasheet HTML 9Page - Allegro MicroSystems 3425 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3425
DUAL, CHOPPER-STABILIZED,
ULTRA-SENSITIVE,
BIPOLAR HALL-EFFECT SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
CRITERIA FOR DEVICE QUALIFICATION
Qualification Test
Test Method and Test Conditions
Test Length
Samples
Comments
Biased Humidity (HAST)
JESD22-A101,
1000 hrs
77
VCC = VOUT = 3.3 V
TA = 85
°C, RH = 85%
High-Temperature
JESD22-A108,
1000 hrs
77
Operating Life (HTOL)
TA = 150°C, TJ = 165°C
Accelerated HTOL
TA = 170°C, TJ = 180°C
168 hrs
77
Autoclave, Unbiased
JESD22-A102, Condition C,
96 hrs
77
High-Temperature
MIL-STD-883, Method 1008,
1000 hrs
77
(Bake) Storage Life
TA = 170°C
Temperature Cycle
MIL-STD-883, Method 1010,
1000 cycles
77
-55
°C to +150°C
ESD,
CDF-AEC-Q100-002
Pre/Post
x per
Test to failure,
Human Body Model
Reading
test
All leads > TBD
All Allegro sensors are subjected to stringent qualification requirements prior to being released to production.
To become qualified, except for the destructive ESD tests, no failures are permitted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn