Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ31503 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31503
Description  3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31503 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMZ31503 Datasheet HTML 2Page - Texas Instruments LMZ31503 Datasheet HTML 3Page - Texas Instruments LMZ31503 Datasheet HTML 4Page - Texas Instruments LMZ31503 Datasheet HTML 5Page - Texas Instruments LMZ31503 Datasheet HTML 6Page - Texas Instruments LMZ31503 Datasheet HTML 7Page - Texas Instruments LMZ31503 Datasheet HTML 8Page - Texas Instruments LMZ31503 Datasheet HTML 9Page - Texas Instruments LMZ31503 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LMZ31503
SNVS992 – JULY 2013
www.ti.com
PIN DESCRIPTIONS
TERMINAL
DESCRIPTION
NAME
NO.
1
2
Zero VDC reference for the analog control circuitry. Connect AGND to PGND at a single point. Connect near
AGND
the output capacitors. See for a recommended layout.
34
45
8
Inhibit and UVLO adjust pin. Use an open drain or open collector output logic to control the INH function. A
INH/UVLO
resistor divider between this pin, AGND and VIN adjusts the UVLO voltage. Tie both pins together when
9
using this control.
3
4
5
15
16
18
Do Not Connect. Do not connect these pins to AGND, to another DNC pin, or to any other voltage. These
DNC
19
pins are connected to internal circuitry. Each pin must be soldered to an isolated pad.
20
22
23
30
31
32
36
Common ground connection for the PVIN, VIN, and VOUT power connections. See for a recommended
PGND
37
layout.
38
10
11
12
Phase switch node. These pins should be connected to a small copper island under the device for thermal
PH
13
relief. Do not place any external component on this pin or tie it to a pin of another function.
14
17
46
PWRGD
33
Power good fault pin. Asserts low if the output voltage is low. A pull-up resistor is required.
39
Input switching voltage. This pin supplies voltage to the power switches of the converter. See for a
PVIN
40
recommended layout.
41
This pin automatically selects between RT mode and CLK mode. An external timing resistor adjusts the
RT/CLK
35
switching frequency of the device. In CLK mode, the device synchronizes to an external clock.
Remote sense connection. Connect this pin to VOUT at the load for improved regulation. This pin must be
SENSE+
44
connected to VOUT at the load, or at the module pins.
Slow-start and tracking pin. Connecting an external capacitor to this pin adjusts the output voltage rise time.
SS/TR
6
A voltage applied to this pin allows for tracking and sequencing control.
Slow-start or track feature select. Connect this pin to AGND to enable the internal SS capacitor with a SS
STSEL
7
interval of approximately 1.1 ms. Leave this pin open to enable the TR feature.
VADJ
43
Connecting a resistor between this pin and AGND sets the output voltage.
VIN
42
Input bias voltage pin. Supplies the control circuitry of the power converter. See for a recommended layout.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31503


Similar Part No. - LMZ31503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503RUQR TI1-LMZ31503RUQR Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503RUQT TI1-LMZ31503RUQT Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
More results

Similar Description - LMZ31503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI-LMZ31530_15 Datasheet
1Mb / 32P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com