Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3421 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 3421
Description  HALL-EFFECT, DIRECTION-DETECTION SENSORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3421 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 3421 Datasheet HTML 2Page - Allegro MicroSystems 3421 Datasheet HTML 3Page - Allegro MicroSystems 3421 Datasheet HTML 4Page - Allegro MicroSystems 3421 Datasheet HTML 5Page - Allegro MicroSystems 3421 Datasheet HTML 6Page - Allegro MicroSystems 3421 Datasheet HTML 7Page - Allegro MicroSystems 3421 Datasheet HTML 8Page - Allegro MicroSystems 3421 Datasheet HTML 9Page - Allegro MicroSystems 3421 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3421 AND 3422
HALL-EFFECT,
DIRECTION-DETECTION
SENSORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL ELECTRICAL CHARACTERISTICS
0
25
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-053-1
125
-25
10
9.0
8.0
7.0
6.0
150
V
= 8 V
CC
ALL OUTPUTS ON
ALL OUTPUTS OFF
0
25
50
75
100
300
0
AMBIENT TEMPERATURE IN
°C
200
100
-50
Dwg. GH-029-2
150
-25
125
I
= 20 mA
OUT
250
150
50
12
SUPPLY VOLTAGE IN VOLTS
10
8.0
6.0
Dwg. GH-058-3
11
9.0
7.0
13
5.0
ALL OUTPUTS ON
ALL OUTPUTS OFF
2.0
6.0
10
14
18
T
= 25
°C
A


Similar Part No. - 3421

ManufacturerPart #DatasheetDescription
logo
Heyco.
3421 HEYCO-3421 Datasheet
106Kb / 1P
   Beaded Ties
logo
3M Electronics
3421-6000 3M-3421-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3421-6050 3M-3421-6050 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3421-60E 3M-3421-60E Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3421-60I 3M-3421-60I Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results

Similar Description - 3421

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
   Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
   Hall-Effect Sensors with Direction Detection
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
   Hall Effect Direction Detection Sensor IC
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
   Dual-Channel Hall-Effect Direction Detection Sensor IC
A3423 ALLEGRO-A3423 Datasheet
499Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
TLI4966G INFINEON-TLI4966G Datasheet
1Mb / 17P
   High Precision Hall-Effect Switch with Direction Detection
Rev 1.0, October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com