Electronic Components Datasheet Search |
|
3N100E Datasheet(PDF) 5 Page - Motorola, Inc |
|
3N100E Datasheet(HTML) 5 Page - Motorola, Inc |
5 / 8 page MTP3N100E 5 Motorola TMOS Power MOSFET Transistor Device Data 16 QG, TOTAL GATE CHARGE (nC) DRAIN–TO–SOURCE DIODE CHARACTERISTICS VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS) Figure 10. Diode Forward Voltage versus Current Figure 9. Resistive Switching Time Variation versus Gate Resistance RG, GATE RESISTANCE (OHMS) 1 10 100 1000 100 10 Figure 8. Gate–To–Source and Drain–To–Source Voltage versus Total Charge 0 12 ID = 3 A TJ = 25°C VDS VGS Q1 Q2 QT 30 16 8 2 0 14 4 400 300 200 100 VDD = 500 V ID = 3 A VGS = 10 V TJ = 25°C tf td(off) td(on) 0.50 0.70 0.78 0 3.0 0.66 0.74 0 0.80 0.58 0.54 0.62 2.5 1.0 Q3 4 20 28 tr 2.0 1.5 0.5 12 10 6 350 250 150 50 8 24 VGS = 0 V TJ = 25°C SAFE OPERATING AREA The Forward Biased Safe Operating Area curves define the maximum simultaneous drain–to–source voltage and drain current that a transistor can handle safely when it is for- ward biased. Curves are based upon maximum peak junc- tion temperature and a case temperature (TC) of 25°C. Peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in AN569, “Transient Thermal Resistance–General Data and Its Use.” Switching between the off–state and the on–state may tra- verse any load line provided neither rated peak current (IDM) nor rated voltage (VDSS) is exceeded and the transition time (tr,tf) do not exceed 10 µs. In addition the total power aver- aged over a complete switching cycle must not exceed (TJ(MAX) – TC)/(R θJC). A Power MOSFET designated E–FET can be safely used in switching circuits with unclamped inductive loads. For reli- able operation, the stored energy from circuit inductance dis- sipated in the transistor while in avalanche must be less than the rated limit and adjusted for operating conditions differing from those specified. Although industry practice is to rate in terms of energy, avalanche energy capability is not a con- stant. The energy rating decreases non–linearly with an in- crease of peak current in avalanche and peak junction temperature. Although many E–FETs can withstand the stress of drain– to–source avalanche at currents up to rated pulsed current (IDM), the energy rating is specified at rated continuous cur- rent (ID), in accordance with industry custom. The energy rat- ing must be derated for temperature as shown in the accompanying graph (Figure 12). Maximum energy at cur- rents below rated continuous ID can safely be assumed to equal the values indicated. |
Similar Part No. - 3N100E |
|
Similar Description - 3N100E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |