Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3260 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part No. 3260
Description  2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

3260 Datasheet(HTML) 10 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3260
2-WIRE, CHOPPER-STABILIZED,
PRECISION HALL-EFFECT
BIPOLAR SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
10
Surface-Mount Lead Form (Suffix '-TL')
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
PACKAGE DESIGNATOR 'UA'
0.095
±0.005
0.020
MIN
FLAT
Dwg. MH-015 in
0.004
MAX
0.002
MAX
0
°–8°
2.41
±0.13
0.51
MIN
FLAT
Dwg. MH-015 mm
0.10
MAX
0.051
MAX
0
°–8°
Dwg. MH-014E mm
4.17
4.04
1.57
1.47
0.44
0.35
1.27
BSC
45
°
16.26
15.24
0.48
0.36
2.16
MAX
45
°
0.79
123
3.10
2.97
SEE NOTE
Dwg. MH-014E in
0.164
0.159
0.062
0.058
0.0173
0.0138
0.050
BSC
45
°
0.640
0.600
0.0189
0.0142
0.085
MAX
45
°
0.031
123
0.122
0.117
SEE NOTE
NOTES: 1. Tolerances on package height and width represent allowable mold offsets. Dimensions given are measured at the widest point (parting line).
2. Exact body and lead configuration at vendor’s option within limits shown.
3. Height does not include mold gate flash.
4. Recommended minimum PWB hole diameter to clear transition area is 0.035” (0.89 mm).
5. Where no tolerance is specified, dimension is nominal.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3425DUAL CHOPPER-STABILIZED ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCH 1 2 3 4 5 MoreAllegro MicroSystems
A3230Chopper-Stabilized Hall-Effect Bipolar Switch 1 2 3 4 5 MoreAllegro MicroSystems
3240CHOPPER-STABILIZED PRECISION HALL-EFFECT SWITCH 1 2 3 4 5 MoreAllegro MicroSystems
TLE4906LHigh Precision Hall-Effect Switch 1 2 3 4 5 MoreInfineon Technologies AG
3134BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION 1 2 3 4 5 MoreAllegro MicroSystems
TLE4946-1LHigh Precision Hall-Effect Switch 1 2 3 4 5 MoreInfineon Technologies AG
TLE4946HHigh Precision Hall-Effect Switch 1 2 3 4 5 MoreInfineon Technologies AG
3134BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION 1 2 3 4 5 MoreAllegro MicroSystems
TLE4966HHigh Precision Hall-Effect Switch 1 2 3 4 5 MoreInfineon Technologies AG
TLE4966LHigh Precision Hall-Effect Switch 1 2 3 4 5 MoreInfineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn