Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV821M5NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV821M5NOPB
Description  LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV821M5NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMV821M5NOPB Datasheet HTML 1Page - Texas Instruments LMV821M5NOPB Datasheet HTML 2Page - Texas Instruments LMV821M5NOPB Datasheet HTML 3Page - Texas Instruments LMV821M5NOPB Datasheet HTML 4Page - Texas Instruments LMV821M5NOPB Datasheet HTML 5Page - Texas Instruments LMV821M5NOPB Datasheet HTML 6Page - Texas Instruments LMV821M5NOPB Datasheet HTML 7Page - Texas Instruments LMV821M5NOPB Datasheet HTML 8Page - Texas Instruments LMV821M5NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
LMV821-N, LMV822-N, LMV822-N-Q1
LMV824-N, LMV824-N-Q1
www.ti.com
SNOS032G – AUGUST 1999 – REVISED NOVEMBER 2013
LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage,
Low Power, R-to-R Output, 5 MHz Op Amps
Check for Samples: LMV821-N, LMV822-N, LMV822-N-Q1, LMV824-N, LMV824-N-Q1
1
FEATURES
APPLICATIONS
2
(For Typical, 5 V Supply Values; Unless
Cordless Phones
Otherwise Noted)
Cellular Phones
LMV822-Q1 and LMV824-Q1 are available in
Laptops
Automotive AEC-Q100 Grade 1 version
PDAs
Ultra Tiny, SC70-5 Package 2.0 x 2.0 x 1.0 mm
PCMCIA
Guaranteed 2.5 V, 2.7 V and 5 V Performance
Maximum VOS 3.5 mV (Guaranteed)
DESCRIPTION
The LMV821/LMV822/LMV824 bring performance
VOS Temp. Drift 1 uV/° C
and economy to low voltage / low power systems.
GBW product @ 2.7 V 5 MHz
With a 5 MHz unity-gain frequency and a guaranteed
ISupply @ 2.7 V 220 μA/Amplifier
1.4 V/µs slew rate, the quiescent current is only 220
µA/amplifier (2.7 V). They provide rail-to-rail (R-to-R)
Minimum SR 1.4 V/us (Guaranteed)
output swing into heavy loads (600
Ω Guarantees).
CMRR 90 dB
The input common-mode voltage range includes
PSRR 85 dB
ground, and the maximum input offset voltage is
VCM @ 5V -0.3V to 4.3V
3.5mV (Guaranteed). They are also capable of
comfortably driving large capacitive loads (refer to the
Rail-to-Rail (R-to-R) Output Swing
application notes section).
@600
Ω Load 160 mV from rail
The LMV821 (single) is available in the ultra tiny
@10 k
Ω Load 55 mV from rail
SC70-5 package, which is about half the size of the
Stable with High Capacitive Loads (Refer to
previous title holder, the SOT23-5.
Application Section)
Overall,
the
LMV821/LMV822/LMV824
(Single/Dual/Quad) are low voltage, low power,
performance op amps, that can be designed into a
wide range of applications, at an economical price.
Telephone-line Transceiver for a PCMCIA Modem Card
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV821M5NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV821M5 NSC-LMV821M5 Datasheet
1Mb / 24P
   Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Texas Instruments
LMV821M5 TI1-LMV821M5 Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821M5 TI1-LMV821M5 Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821M5/NOPB TI1-LMV821M5/NOPB Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
National Semiconductor ...
LMV821M5X NSC-LMV821M5X Datasheet
1Mb / 24P
   Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

Similar Description - LMV821M5NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com