Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3240 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. 3240
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3240 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3240 Datasheet HTML 1Page - Allegro MicroSystems 3240 Datasheet HTML 2Page - Allegro MicroSystems 3240 Datasheet HTML 3Page - Allegro MicroSystems 3240 Datasheet HTML 4Page - Allegro MicroSystems 3240 Datasheet HTML 5Page - Allegro MicroSystems 3240 Datasheet HTML 6Page - Allegro MicroSystems 3240 Datasheet HTML 7Page - Allegro MicroSystems 3240 Datasheet HTML 8Page - Allegro MicroSystems 3240 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3240
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT SWITCH
www.allegromicro.com
5
SUPPLY CURRENT
OUTPUT SATURATION VOLTAGE
TYPICAL OPERATING CHARACTERISTICS
as a function of supply voltage
SWITCH POINTS
4.0
4.5
5.0
SUPPLY VOLTAGE IN VOLTS
3.0
Dwg. GH-021-2
3.5
RELEASE POINT
40
30
20
10
0
OPERATE POINT
24
TA = 150
°C
TA = -40
°C
4.0
4.5
5.0
SUPPLY VOLTAGE IN VOLTS
3.0
Dwg. GH-055-1
3.5
24
TA = 150
°C
TA = +25
°C
TA = -40
°C
IOUT = 20 mA
250
150
200
225
175
4.0
6.0
9.0
SUPPLY VOLTAGE IN VOLTS
3.0
Dwg. GH-058-4
5.0
12
TA = 150
°C
TA = +25
°C
TA = -40
°C
7.0
5.0
3.0
1.0
6.0
4.0
2.0
8.0
0
OUTPUT ON
10
11
8.0
7.0


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn