Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP91300YZRR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91300YZRR
Description  LMP91300 Industrial Inductive Proximity Sensor AFE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91300YZRR Datasheet(HTML) 3 Page - Texas Instruments

  LMP91300YZRR Datasheet HTML 1Page - Texas Instruments LMP91300YZRR Datasheet HTML 2Page - Texas Instruments LMP91300YZRR Datasheet HTML 3Page - Texas Instruments LMP91300YZRR Datasheet HTML 4Page - Texas Instruments LMP91300YZRR Datasheet HTML 5Page - Texas Instruments LMP91300YZRR Datasheet HTML 6Page - Texas Instruments LMP91300YZRR Datasheet HTML 7Page - Texas Instruments LMP91300YZRR Datasheet HTML 8Page - Texas Instruments LMP91300YZRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
19
7
6
5
4
3
2
13
14
15
16
17
18
DAP
(GND)
P1
P2
P3
P4
P5
GND
LED
GND
NC
CFA
SENSE2+/SWIF RX
NC
CFB
GND
LMP91300
www.ti.com
SNOSCS3A – SEPTEMBER 2013 – REVISED OCTOBER 2013
PINOUT
Figure 4. LMP91300 WQFN Pinout
Table 1. LMP91300 WQFN Pin Functions
Pin Number
Name
Type
Description
1-5
P1-5
G
Connect to Ground
6
GND
G
Board Ground
7
LED
O
LED Driver Output
8
V+/EXT E
P
Chip V+/External transistor, emitter
9
EXT B
P
External transistor, base
10
SWDRV
O
Drive for external transistor switch
11
SENSE-
I
Negative Sense Input
12
SENSE1+
I
Positive Sense Input
13
SENSE2+/SWIF RX
I
Positive Sense Input and Single Wire Interface receive
14
NC
N/A
No connect
15
GND
G
Board ground
16
NC
N/A
No connect
17
CFB
I
Filter capacitor value based on sensor oscillation frequency
18
CFA
I
Filter capacitor value based on sensor oscillation frequency
19
GND
G
Board ground
20
INA
I
External LC tank
21
INB
I
External LC tank
22
TEMP-
G
NTC ground, connect to board ground
23
TEMP+
I
Analog Temperature Sensor Input
24
CBY
O
Bypass capacitor (56nF)
DAP
DAP
G
Connect to Ground
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP91300


Similar Part No. - LMP91300YZRR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
LMP91000 TI-LMP91000 Datasheet
1Mb / 30P
[Old version datasheet]   Cell Conditioning Current up to 10 mA, Supply Current (Average Over Time) <10 關A, Output Drive Current 750關A
LMP91000 TI1-LMP91000 Datasheet
628Kb / 31P
[Old version datasheet]   Sensor AFE System
logo
National Semiconductor ...
LMP91000SD NSC-LMP91000SD Datasheet
713Kb / 24P
   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
More results

Similar Description - LMP91300YZRR

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
logo
Omron Electronics LLC
E2Q2--N20E3-U OMRON-E2Q2--N20E3-U Datasheet
192Kb / 8P
   Inductive Proximity Sensor
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
   Inductive Proximity Sensor IC
logo
Panasonic Semiconductor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
   Compact Inductive Proximity Sensor
logo
Omron Electronics LLC
E2EZ-X4D1-R OMRON-E2EZ-X4D1-R Datasheet
840Kb / 9P
   Chip-immune Inductive Proximity Sensor
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com