Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5121MHXNOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5121MHXNOPB
Description  Wide Input Synchronous Boost Controller with Disconnection Switch Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5121MHXNOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5121MHXNOPB Datasheet HTML 1Page - Texas Instruments LM5121MHXNOPB Datasheet HTML 2Page - Texas Instruments LM5121MHXNOPB Datasheet HTML 3Page - Texas Instruments LM5121MHXNOPB Datasheet HTML 4Page - Texas Instruments LM5121MHXNOPB Datasheet HTML 5Page - Texas Instruments LM5121MHXNOPB Datasheet HTML 6Page - Texas Instruments LM5121MHXNOPB Datasheet HTML 7Page - Texas Instruments LM5121MHXNOPB Datasheet HTML 8Page - Texas Instruments LM5121MHXNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
LM5121/LM5121-Q1
SNVS963A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply for -40°C
≤ TJ ≤ +125°C, VVIN = 12 V, VVCC = 8.3 V, RT = 20 kΩ, no
load on LO and HO. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN SUPPLY
ISHUTDOWN VIN shutdown current
VUVLO = 0 V
9
17
µA
IBIAS
VIN operating current (exclude the current
VUVLO = 2 V, non-switching
4
5
mA
into RT resistor)
VCC REGULATOR
VCC(REG)
VCC regulation
No load
6.9
7.6
8.3
VVIN = 4.5 V, no external load
0.25
V
VCC dropout (VIN to VCC)
VVIN = 4.5 V, IVCC = 25 mA
0.28
0.5
VCC sourcing current limit
VVCC = 0 V
50
62
VVCC = 8.3 V
3.5
5
mA
VCC operating current (exclude the current
IVCC
into RT resistor)
VVCC = 12 V
4.5
8
VCC rising, VVIN = 4.5 V
3.9
4.0
4.1
VCC undervoltage threshold
VCC falling, VVIN = 4.5 V
3.7
V
VCC undervoltage hysteresis
0.385
UNDERVOLTAGE LOCKOUT
UVLO threshold
UVLO rising
1.17
1.20
1.23
V
UVLO hysteresis current
VUVLO = 1.4 V
7
10
13
µA
UVLO standby threshold
UVLO rising
0.3
0.4
0.5
V
UVLO standby hysteresis
0.1
0.125
MODE
Diode emulation mode threshold
MODE rising
1.20
1.24
1.28
V
Diode emulation mode hysteresis
0.1
Default MODE voltage
145
155
170
mV
COMP rising, measured at COMP
1.290
Default skip cycle threshold
V
COMP falling, measured at COMP
1.245
Skip cycle hysteresis
Measured at COMP
40
mV
ERROR AMPLIFIER
VREF
FB reference voltage
Measured at FB, VFB= VCOMP
1.188
1.200
1.212
V
FB input bias current
VFB= VREF
5
nA
ISOURCE = 2 mA, VVCC = 4.5 V
2.75
VOH
COMP output high voltage
ISOURCE = 2 mA, VVCC = 12 V
3.40
V
VOL
COMP output low voltage
ISINK = 2 mA
0.25
AOL
DC gain
80
dB
fBW
Unity gain bandwidth
3
MHz
OSCILLATOR
fSW1
Switching frequency 1
RT = 20 kΩ
400
450
500
kHz
fSW2
Switching frequency 2
RT = 10 kΩ
775
875
975
RT output voltage
1.2
RT sync rising threshold
RT rising
2.5
2.9
V
RT sync falling threshold
RT falling
1.6
2.0
Minimum sync pulse width
100
ns
DISCONNECTION SWITCH CONTROL
IDIS-SOURCE
DG current source
UVLO = 2 V, Sourcing
25
uA
IDIS-SINK
DG current sink
Inrush Control, Sinking
67
DG discharge switch RDS-ON
Circuit Breaker
38
Ω
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM5121/LM5121-Q1


Similar Part No. - LM5121MHXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5121MHX/NOPB TI1-LM5121MHX/NOPB Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121MHX/NOPB TI1-LM5121MHX/NOPB Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results

Similar Description - LM5121MHXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM25122-Q1 TI1-LM25122-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI-LM5122 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI-LM5122_15 Datasheet
2Mb / 49P
[Old version datasheet]   LM5122/-Q1 Wide-Input Synchronous Boost Controller With Multiple Phase Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com