Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5121MHNOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5121MHNOPB
Description  Wide Input Synchronous Boost Controller with Disconnection Switch Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5121MHNOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5121MHNOPB Datasheet HTML 2Page - Texas Instruments LM5121MHNOPB Datasheet HTML 3Page - Texas Instruments LM5121MHNOPB Datasheet HTML 4Page - Texas Instruments LM5121MHNOPB Datasheet HTML 5Page - Texas Instruments LM5121MHNOPB Datasheet HTML 6Page - Texas Instruments LM5121MHNOPB Datasheet HTML 7Page - Texas Instruments LM5121MHNOPB Datasheet HTML 8Page - Texas Instruments LM5121MHNOPB Datasheet HTML 9Page - Texas Instruments LM5121MHNOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
LM5121/LM5121-Q1
SNVS963A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, these specifications apply for -40°C
≤ TJ ≤ +125°C, VVIN = 12 V, VVCC = 8.3 V, RT = 20 kΩ, no
load on LO and HO. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IRES-
RES current source1
Fault-state charging current
20
30
40
SOURCE1
IRES-SINK1 RES current sink1
Normal-state discharging current
5
µA
IRES-
RES current source2
Hiccup mode off-time charging current
10
SOURCE2
IRES-SINK2 RES current sink2
Hiccup mode off-time discharging
5
current
Hiccup cycle
8
Cycles
RES discharge switch RDS-ON
40
Ω
Ratio of hiccup mode off-time to restart
122
delay time
HO GATE DRIVER
VOHH
HO high-state voltage drop
IHO = –100 mA, VOHH = VBST – VHO
0.15
0.24
V
VOLH
HO low-state voltage drop
IHO = 100 mA, VOLH = VHO – VSW
0.1
0.18
HO rise time (10% to 90%)
CLOAD = 4700 pF, VBST = 12 V
25
ns
HO fall time (90% to 10%)
CLOAD = 4700 pF, VBST = 12 V
20
VHO = 0 V, VSW = 0 V, VBST = 4.5 V
0.8
IOHH
Peak HO source current
VHO = 0 V, VSW = 0 V, VBST = 7.6 V
1.9
A
VHO = VBST = 4.5 V
1.9
IOLH
Peak HO sink current
VHO = VBST = 7.6 V
3.2
IBST
BST charge pump sourcing current
VVIN = VSW = 9.0 V , VBST - VSW = 5.0 V
90
200
µA
BST to SW, IBST= –70 μA,
5.3
6.2
6.75
VVIN = VSW = 9.0 V
BST charge pump regulation
BST to SW, IBST = –70 μA,
V
7
8.5
9
VVIN = VSW = 12 V
BST to SW undervoltage
2.0
3.0
3.5
BST DC bias current
VBST - VSW = 12 V, VSW = 0 V
30
45
µA
LO GATE DRIVER
VOHL
LO high-state voltage drop
ILO = –100 mA, VOHL = VVCC – VLO
0.15
0.25
V
VOLL
LO low-state voltage drop
ILO = 100 mA, VOLL = VLO
0.1
0.17
LO rise time (10% to 90%)
CLOAD = 4700 pF
25
ns
LO fall time (90% to 10%)
CLOAD = 4700 pF
20
VLO = 0 V, VVCC = 4.5 V
0.8
IOHL
Peak LO source current
VLO = 0 V
2.0
A
VLO = VVCC = 4.5 V
1.8
IOLL
Peak LO sink current
VLO = VVCC
3.2
SWITCHING CHARACTERISTICS
tDLH
LO fall to HO rise delay
No load, 50% to 50%
50
80
115
ns
tDHL
HO fall to LO rise delay
No load, 50% to 50%
60
80
105
THERMAL
TSD
Thermal shutdown
Temperature rising
165
ºC
Thermal shutdown hysteresis
25
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM5121/LM5121-Q1


Similar Part No. - LM5121MHNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5121MH/NOPB TI1-LM5121MH/NOPB Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121MH/NOPB TI1-LM5121MH/NOPB Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121MHE/NOPB TI1-LM5121MHE/NOPB Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121MHE/NOPB TI1-LM5121MHE/NOPB Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121MHX/NOPB TI1-LM5121MHX/NOPB Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results

Similar Description - LM5121MHNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM25122-Q1 TI1-LM25122-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI-LM5122 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI-LM5122_15 Datasheet
2Mb / 49P
[Old version datasheet]   LM5122/-Q1 Wide-Input Synchronous Boost Controller With Multiple Phase Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com