Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3697YFQR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3697YFQR
Description  High-Efficiency Three-String White LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3697YFQR Datasheet(HTML) 4 Page - Texas Instruments

  LM3697YFQR Datasheet HTML 1Page - Texas Instruments LM3697YFQR Datasheet HTML 2Page - Texas Instruments LM3697YFQR Datasheet HTML 3Page - Texas Instruments LM3697YFQR Datasheet HTML 4Page - Texas Instruments LM3697YFQR Datasheet HTML 5Page - Texas Instruments LM3697YFQR Datasheet HTML 6Page - Texas Instruments LM3697YFQR Datasheet HTML 7Page - Texas Instruments LM3697YFQR Datasheet HTML 8Page - Texas Instruments LM3697YFQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM3697
SNOSCS2A – NOVEMBER 2013 – REVISED DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
Limits in standard type face are for TA = +25°C and those in boldface type apply over the full operating ambient temperature
range (
−40°C ≤ TA ≤ +85°C). Unless otherwise specified VIN = 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ISHDN
Shutdown Current
2.7V
≤ VIN ≤ 5.5V, HWEN = GND
1
3.0
µA
Full-Scale Current = 20.2 mA
ILED_MIN
Minimum LED Current
6.0
µA
Exponential Mapping
Thermal Shutdown
140
TSD
°C
Hysteresis
15
Boost Converter
Output Current Regulation
2.7V
≤ VIN ≤ 5.5V, Full-Scale Current = 20.2
IHVLED(1/2/3)
18.38
20.2
22.02
mA
(HVLED1, HVLED2, HVLED3)
mA, Brightness Code = 0xFF
Control Bank A,
Exponential Mapping,
−2.5
2.5
%
Autoheadroom Off, PWM
Off, ILED = 20.2 mA
HVLED1 to HVLED2 or HVLED3
IMATCH_HV
2.7V
≤ VIN ≤ 5.5V
Matching (3)
Control Bank A,
Exponential Mapping,
-8.5
8.5
%
Autoheadroom Off, PWM
Off, ILED = 500 µA
Regulated Current Sink
VREG_CS
Auto-headroom off
400
mV
Headroom Voltage
Minimum Current Sink Headroom
ILED = 95% of nominal, Full-Scale Current =
VHR_HV
190
275
mV
Voltage for HVLED Current Sinks
20.2 mA
RDSON
NMOS Switch On Resistance
ISW = 500 mA
0.3
ICL_BOOST
NMOS Switch Current Limit
VIN = 3.6V
880
1000
1120
mA
ON Threshold, 2.7V
≤ VIN ≤ 5.5V
38.75
40
41.1
OVP select bits = 11
VOVP
Output Over-Voltage Protection
V
Hysteresis
1
Boost Frequency Select
450
500
550
Bit = 0
fSW
Switching Frequency
2.7V
≤ VIN ≤ 5.5V
kHz
Boost Frequency Select
900
1000
1100
Bit = 1
DMAX
Maximum Duty Cycle
94
%
HWEN Input
Logic Low
0
0.4
VHWEN
Logic Thresholds
V
Logic High
1.2
VIN
PWM Input
VPWM_L
Input Logic Low
2.7V
≤ VIN ≤ 5.5V
0
400
mV
VPWM_H
Input Logic High
2.7V
≤ VIN ≤ 5.5V
1.31
VIN
V
tPWM
Minimum PWM input pulse
2.7V
≤ VIN ≤ 5.5V
PWM Zero Detect enabled
0.75
µs
I2C-Compatible Voltage Specifications (SCL, SDA)
VIL
Input Logic Low
2.7V
≤ VIN ≤ 5.5V
0
400
mV
VIH
Input Logic High
2.7V
≤ VIN ≤ 5.5V
1.29
VIN
V
VOL
Output Logic Low (SDA)
ILOAD = 3 mA
400
mV
I2C-Compatible Timing Specifications (SCL, SDA) (4), (see Figure 2)
t1
SCL (Clock Period)
2.5
µs
t2
Data In Setup Time to SCL High
100
ns
t3
Data Out Stable After SCL Low
0
ns
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are verified by design, test, or statistical analysis. Typical (Typ) numbers are not verified, but do represent the most
likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6V and TA = +25°C.
(3)
LED current sink matching in the high-voltage current sinks (HVLED1 through HVLED3) is given as the maximum matching value
between any two current sinks, where the matching between any two high voltage current sinks (X and Y) is given as (IHVLEDX ( or
IHVLEDY) - IAVE(X-Y))/(IAVE(X-Y)) x 100. In this test all three HVLED current sinks are assigned to Bank A.
(4)
SCL and SDA must be glitch-free in order for proper brightness control to be realized.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3697


Similar Part No. - LM3697YFQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3697YFQR TI1-LM3697YFQR Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
More results

Similar Description - LM3697YFQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
logo
Silicon Mitus, Inc.
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
   High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com