Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR0240V2T1G Datasheet(PDF) 11 Page - Texas Instruments

Part # NSR0240V2T1G
Description  High-Efficiency Three-String White LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NSR0240V2T1G Datasheet(HTML) 11 Page - Texas Instruments

Back Button NSR0240V2T1G Datasheet HTML 7Page - Texas Instruments NSR0240V2T1G Datasheet HTML 8Page - Texas Instruments NSR0240V2T1G Datasheet HTML 9Page - Texas Instruments NSR0240V2T1G Datasheet HTML 10Page - Texas Instruments NSR0240V2T1G Datasheet HTML 11Page - Texas Instruments NSR0240V2T1G Datasheet HTML 12Page - Texas Instruments NSR0240V2T1G Datasheet HTML 13Page - Texas Instruments NSR0240V2T1G Datasheet HTML 14Page - Texas Instruments NSR0240V2T1G Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
0.50
0.70
0.90
1.10
1.30
1.50
1.70
VIN (V)
C001
85°C
-40°C
25°C
0.90
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
VIN (V)
C001
-40°C
85°C
25°C
-1.00%
0.00%
1.00%
2.00%
3.00%
4.00%
5.00%
6.00%
7.00%
BRIGHTNESS CODE
C001
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
VHR (V)
C001
-40°C
90°C
25°C
0.01
0.1
1
10
100
BRIGHTNESS CODE
C001
-1.00%
0.00%
1.00%
2.00%
3.00%
4.00%
5.00%
6.00%
7.00%
BRIGHTNESS CODE
C001
LM3697
www.ti.com
SNOSCS2A – NOVEMBER 2013 – REVISED DECEMBER 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, LEDs are WLEDs part # SML-312WBCW(A), Typical Application Circuit with L = TDK (VLF302512, 4.7 µH, 10 µH,
22 µH where specified), Schottky = On-Semi (NSR0240V2T1G), TA = +25°C unless otherwise specified. Efficiency is given as
VOUT × (IHVLED1 + IHVLED2 + IHVLED3)/(VIN × IIN), matching curves are given as (ΔILED_MAX/ILED_AVE).
Figure 33. HVLED Current vs. Brightness Code (VIN=3.6V,
Figure 34. HVLED Matching vs. Code (VIN=3.6V,
Exponential Mapping)
Exponential Mapping)
Figure 35. HVLED Matching vs. Code (VIN=3.6V, Linear
Figure 36. HVLED Current vs. Current Sink Headroom
Mapping)
Voltage
Figure 37. Shutdown Current vs. VIN and Temperature
Figure 38. Open Loop Current Limit vs. VIN and
Temperature
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3697


Similar Part No. - NSR0240V2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR0240V2T1G ONSEMI-NSR0240V2T1G Datasheet
119Kb / 4P
   Schottky Barrier Diode
August, 2009 ??Rev. 1
NSR0240V2T1G ONSEMI-NSR0240V2T1G Datasheet
124Kb / 4P
   Schottky Barrier Diode
November, 2011 ??Rev. 2
NSR0240V2T1G ONSEMI-NSR0240V2T1G Datasheet
53Kb / 4P
   Schottky Barrier Diode
September, 2014 ??Rev. 3
NSR0240V2T1G ONSEMI-NSR0240V2T1G Datasheet
123Kb / 5P
   Schottky Barrier Diode
August, 2018 - Rev. 4
NSR0240V2T1G ONSEMI-NSR0240V2T1G_12 Datasheet
124Kb / 4P
   Schottky Barrier Diode
November, 2011 ??Rev. 2
More results

Similar Description - NSR0240V2T1G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
logo
Silicon Mitus, Inc.
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
   High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com