Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR0240V2T1G Datasheet(PDF) 9 Page - Texas Instruments

Part # NSR0240V2T1G
Description  High-Efficiency Three-String White LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NSR0240V2T1G Datasheet(HTML) 9 Page - Texas Instruments

Back Button NSR0240V2T1G Datasheet HTML 5Page - Texas Instruments NSR0240V2T1G Datasheet HTML 6Page - Texas Instruments NSR0240V2T1G Datasheet HTML 7Page - Texas Instruments NSR0240V2T1G Datasheet HTML 8Page - Texas Instruments NSR0240V2T1G Datasheet HTML 9Page - Texas Instruments NSR0240V2T1G Datasheet HTML 10Page - Texas Instruments NSR0240V2T1G Datasheet HTML 11Page - Texas Instruments NSR0240V2T1G Datasheet HTML 12Page - Texas Instruments NSR0240V2T1G Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0.00
12.00
24.00
36.00
48.00
60.00
ILED (mA)
Three String, L=10µH, 500kHz
C002
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0
12
24
36
48
60
ILED (mA)
Three String, L=10µH, 1MHz
C002
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0
12
24
36
48
ILED (mA)
Two String, L=22µH, 500kHz
C002
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0
12
24
36
48
ILED (mA)
Two String, L=22µH, 1MHz
C002
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0.00
12.00
24.00
36.00
48.00
60.00
ILED (mA)
Three String, L=22µH, 500kHz
C002
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0
12
24
36
48
60
ILED (mA)
Three String, L=22µH, 1MHz
C002
LM3697
www.ti.com
SNOSCS2A – NOVEMBER 2013 – REVISED DECEMBER 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, LEDs are WLEDs part # SML-312WBCW(A), Typical Application Circuit with L = TDK (VLF302512, 4.7 µH, 10 µH,
22 µH where specified), Schottky = On-Semi (NSR0240V2T1G), TA = +25°C unless otherwise specified. Efficiency is given as
VOUT × (IHVLED1 + IHVLED2 + IHVLED3)/(VIN × IIN), matching curves are given as (ΔILED_MAX/ILED_AVE).
Top to Bottom:3x3, 3x4, 3x5, 3x6, 3x7 (LEDs)
Top to Bottom:3x3, 3x4, 3x5, 3x6, 3x7 (LEDs)
Figure 21. LED Efficiency vs ILED, VIN=3.6V
Figure 22. LED Efficiency vs ILED, VIN=3.6V
Top to Bottom:2x3, 2x4, 2x5, 2x6, 2x7, 2x8, 2x9, 2x10 (LEDs)
Top to Bottom:2x3, 2x4, 2x5, 2x6, 2x7, 2x8, 2x9, 2x10 (LEDs)
Figure 23. LED Efficiency vs ILED, VIN=3.6V
Figure 24. LED Efficiency vs ILED, VIN=3.6V
Top to Bottom:3x3, 3x4, 3x5, 3x6, 3x7 (LEDs)
Top to Bottom:3x3, 3x4, 3x5, 3x6, 3x7 (LEDs)
Figure 25. LED Efficiency vs ILED, VIN=3.6V
Figure 26. LED Efficiency vs ILED, VIN=3.6V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3697


Similar Part No. - NSR0240V2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR0240V2T1G ONSEMI-NSR0240V2T1G Datasheet
119Kb / 4P
   Schottky Barrier Diode
August, 2009 ??Rev. 1
NSR0240V2T1G ONSEMI-NSR0240V2T1G Datasheet
124Kb / 4P
   Schottky Barrier Diode
November, 2011 ??Rev. 2
NSR0240V2T1G ONSEMI-NSR0240V2T1G Datasheet
53Kb / 4P
   Schottky Barrier Diode
September, 2014 ??Rev. 3
NSR0240V2T1G ONSEMI-NSR0240V2T1G Datasheet
123Kb / 5P
   Schottky Barrier Diode
August, 2018 - Rev. 4
NSR0240V2T1G ONSEMI-NSR0240V2T1G_12 Datasheet
124Kb / 4P
   Schottky Barrier Diode
November, 2011 ??Rev. 2
More results

Similar Description - NSR0240V2T1G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
logo
Silicon Mitus, Inc.
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
   High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com