Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM3697 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. LM3697
Description  High-Efficiency Three-String White LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3697 Datasheet(HTML) 5 Page - Texas Instruments

  LM3697 Datasheet HTML 1Page - Texas Instruments LM3697 Datasheet HTML 2Page - Texas Instruments LM3697 Datasheet HTML 3Page - Texas Instruments LM3697 Datasheet HTML 4Page - Texas Instruments LM3697 Datasheet HTML 5Page - Texas Instruments LM3697 Datasheet HTML 6Page - Texas Instruments LM3697 Datasheet HTML 7Page - Texas Instruments LM3697 Datasheet HTML 8Page - Texas Instruments LM3697 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
t4
t2
t3
t5
t1
SCL
SDA_IN
SDA_OUT
LM3697
www.ti.com
SNOSCS2A – NOVEMBER 2013 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS
(1) (2) (continued)
Limits in standard type face are for TA = +25°C and those in boldface type apply over the full operating ambient temperature
range (
−40°C ≤ TA ≤ +85°C). Unless otherwise specified VIN = 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SDA Low Setup Time to SCL Low
t4
100
ns
(Start)
SDA High Hold Time After SCL
t5
100
ns
High (Stop)
Internal POR Threshold and HWEN Timing Specification
POR Reset Release Voltage
VPOR
VIN = 3.6V
VIN ramp time = 100 µs
1.7
1.9
2.1
V
Threshold
First I2C Start Pulse after HWEN
tHWEN
2.7V
≤ VIN ≤ 5.5V
POR Reset complete
5
20
µs
High
Figure 2. I2C-Compatible Interface Timing
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3697


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn