Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA213A-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA213A-Q1
Description  VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA213A-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA213A-Q1 Datasheet HTML 5Page - Texas Instruments INA213A-Q1 Datasheet HTML 6Page - Texas Instruments INA213A-Q1 Datasheet HTML 7Page - Texas Instruments INA213A-Q1 Datasheet HTML 8Page - Texas Instruments INA213A-Q1 Datasheet HTML 9Page - Texas Instruments INA213A-Q1 Datasheet HTML 10Page - Texas Instruments INA213A-Q1 Datasheet HTML 11Page - Texas Instruments INA213A-Q1 Datasheet HTML 12Page - Texas Instruments INA213A-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1.2
1.4
1.6
1.8
2.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
s = ±18V
V
s = ±2.25V
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
4
8
12
16
20
24
28
32
36
Supply Voltage (V)
C001
-140
-120
-100
-80
0.00001
0.0001
0.001
0.01
10
100
1k
10k
Frequency (Hz)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = +1 V/V, RL = 600
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
G = -1 V/V, RL = 600
C007
V
OUT = 3.5 VRMS
BW = 80 kHz
-140
-120
-100
-80
-60
0.00001
0.0001
0.001
0.01
0.1
0.01
0.1
1
10
Output Amplitude (VRMS)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = +1 V/V, RL = 600
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
G = -1 V/V, RL = 600
C008
f = 1 kHz
BW = 80 kHz
Time (1 s/div)
C001
Peak-to-Peak Noise = 1.20 V
pp
1
10
100
1000
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C002
OPA172
OPA2172
OPA4172
www.ti.com
SBOS618 – DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
Figure 13. 0.1-Hz TO 10-Hz NOISE
Figure 14. INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
Figure 15. THD+N RATIO vs FREQUENCY
Figure 16. THD+N vs OUTPUT AMPLITUDE
Figure 17. QUIESCENT CURRENT vs TEMPERATURE
Figure 18. QUIESCENT CURRENT vs SUPPLY VOLTAGE
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA172 OPA2172 OPA4172


Similar Part No. - INA213A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
More results

Similar Description - INA213A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA210 TI-INA210_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
[Old version datasheet]   Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA210 TI1-INA210_16 Datasheet
1Mb / 40P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com