Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UA102TRHSTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UA102TRHSTQ1
Description  DS90UA102-Q1 Multi-Channel Digital Audio Link
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UA102TRHSTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90UA102TRHSTQ1 Datasheet HTML 6Page - Texas Instruments DS90UA102TRHSTQ1 Datasheet HTML 7Page - Texas Instruments DS90UA102TRHSTQ1 Datasheet HTML 8Page - Texas Instruments DS90UA102TRHSTQ1 Datasheet HTML 9Page - Texas Instruments DS90UA102TRHSTQ1 Datasheet HTML 10Page - Texas Instruments DS90UA102TRHSTQ1 Datasheet HTML 11Page - Texas Instruments DS90UA102TRHSTQ1 Datasheet HTML 12Page - Texas Instruments DS90UA102TRHSTQ1 Datasheet HTML 13Page - Texas Instruments DS90UA102TRHSTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
DS90UA102-Q1
SNLS442A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS:
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
tRCP
Receiver Output
STP Cable
SCK (Figure 9)
20
T
100
ns
Clock Period
Coaxial Cable
20
T
40
tPDC
SCK Duty Cycle
SCK
40
50
60
%
LVCMOS Low-to-
VDDIO: 1.71V to 1.89V or 3.0V
SCK
tCLH
1.3
2
2.8
High Transition Time to 3.6V,
CL = 8 pF (lumped load)
ns
tCHL
LVCMOS High-to-
Default Registers
1.3
2
2.8
Low Transition Time
(Figure 7),(4)
LVCMOS Low-to-
VDDIO: 1.71V to 1.89V or 3.0V
DOUT[7:0], GPO[3:0],
tCLH
1
2.5
4
High Transition Time to 3.6V,
BCK, LRCK
CL = 8 pF (lumped load)
ns
tCHL
LVCMOS High-to-
Default Registers
1
2.5
4
Low Transition Time
(Figure 7),(4)
tROS
Setup Data to SCK
VDDIO: 1.71V to 1.89V or 3.0V
DOUT[7:0], GPO[3:0],
0.38
0.5
to 3.6V,
BCK, LRCK
tROH
Hold Data to SCK
T
CL = 8 pF (lumped load)
0.38
0.5
Default Registers (Figure 9)
Default Registers
tDD
Deserializer Delay
Register 0x03h b[0] (RRFB = 1)
109
112
T
(Figure 8),(4)
Deserializer Data
With Adaptive Equalization
tDDLT
15
22
ms
Lock Time
(Figure 6)
tRCJ
Receiver Clock Jitter SCK(4)
SCK = 50 MHz
22
35
ps
tDPJ
Deserializer Period
SCK (5)(4)
SCK = 50 MHz
180
330
ps
Jitter
tDCCJ
Deserializer Cycle-
SCK (6)(4)
SCK = 50 MHz
460
730
ps
to-Cycle Clock Jitter
(1)
The Electrical Characteristics tables list verified specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
verified.
(2)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD, ΔVOD, VTH and VTL which are differential voltages.
(3)
Typical values represent most likely parametric norms at 1.8V or 3.3V, TA = +25°C, and at the Recommended Operation Conditions at
the time of product characterization and are not verified .
(4)
Specification is verified by characterization and is not tested in production.
(5)
tDPJ is the maximum amount the period is allowed to deviate measured over 30,000 samples.
(6)
tDCCJ is the maximum amount of jitter between adjacent clock cycles measured over 30,000 samples.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DS90UA102-Q1


Similar Part No. - DS90UA102TRHSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UA102-Q1 TI1-DS90UA102-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
More results

Similar Description - DS90UA102TRHSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   DS90UA101-Q1 Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
logo
NXP Semiconductors
SAA2505H PHILIPS-SAA2505H Datasheet
177Kb / 28P
   Digital multi-channel audio IC DUET
1998 Mar 10
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com