Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UA101-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UA101-Q1
Description  DS90UA101-Q1 Multi-Channel Digital Audio Link
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UA101-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90UA101-Q1 Datasheet HTML 6Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 7Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 8Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 9Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 10Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 11Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 12Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 13Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
DS90UA101-Q1
SNLS441A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS:
Serializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tLHT
CML Low-to-High Transition
RL = 100Ω (Figure 6)
150
330
ps
Time
tHLT
CML High-to-Low Transition
RL = 100Ω (Figure 6)
150
330
ps
Time
tDIS
Data Input Setup to SCK
Serializer Data Inputs
2
ns
(Figure 10)
tDIH
Data Input Hold from SCK
2
ns
tPLD
Serializer PLL Lock Time
RL = 100Ω
(4) (5), (Figure 11)
1
2
ms
tSD
Serializer Delay (5)
RT = 100Ω
Register 0x03h b[0] (TRFB = 1)
11.75T
13T
15T
ns
(Figure 12)
tJIND
Serializer Output
Serializer output intrinsic deterministic
Deterministic Jitter
jitter . Measured (cycle-cycle) with
0.13
UI
PRBS-7 test pattern
(3) (6)
tJINR
Serializer Output Random
Serializer output intrinsic random jitter
Jitter
(cycle-cycle). Alternating-1,0 pattern.
0.04
UI
(3) (6)
tJINT
Peak-to-peak Serializer
Serializer output peak-to-peak jitter
Output Jitter
includes deterministic jitter, random
jitter, and jitter transfer from Serializer
0.396
UI
input. Measured (cycle-cycle) with
PRBS-7 test pattern.
(3) (6)
λSTXBW
Serializer Jitter Transfer
SCK = 50MHz
2.2
MHz
Function -3 dB Bandwidth(7)
δSTX
Serializer Jitter Transfer
SCK = 50MHz
1.16
dB
Function (Peaking) (7)
δSTXf
Serializer Jitter Transfer
SCK = 50MHz
600
Function (Peaking
kHz
Frequency) (7)
(1)
The Electrical Characteristics tables list verified specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
verified.
(2)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD, ΔVOD, VTH and VTL which are differential voltages.
(3)
Typical values represent most likely parametric norms at 1.8V or 3.3V, TA = +25°C, and at the Recommended Operation Conditions at
the time of product characterization and are not verified.
(4)
tPLD and tDDLT is the time required by the Serializer and Deserializer to obtain lock when exiting power-down state with an active SCK.
(5)
Specification is verified by design.
(6)
UI – Unit Interval is equivalent to one ideal serialized data bit width. The UI scales with SCK frequency.
(7)
Specification is by characterization and is not tested in production.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DS90UA101-Q1


Similar Part No. - DS90UA101-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
More results

Similar Description - DS90UA101-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UA102-Q1 TI1-DS90UA102-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   DS90UA102-Q1 Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
logo
NXP Semiconductors
SAA2505H PHILIPS-SAA2505H Datasheet
177Kb / 28P
   Digital multi-channel audio IC DUET
1998 Mar 10
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com