Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8860 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8860
Description  8 Channel Serial Interface Low-Side Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8860 Datasheet(HTML) 4 Page - Texas Instruments

  DRV8860 Datasheet HTML 1Page - Texas Instruments DRV8860 Datasheet HTML 2Page - Texas Instruments DRV8860 Datasheet HTML 3Page - Texas Instruments DRV8860 Datasheet HTML 4Page - Texas Instruments DRV8860 Datasheet HTML 5Page - Texas Instruments DRV8860 Datasheet HTML 6Page - Texas Instruments DRV8860 Datasheet HTML 7Page - Texas Instruments DRV8860 Datasheet HTML 8Page - Texas Instruments DRV8860 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
DRV8860
SLRS065A – SEPTEMBER 2013 – REVISED NOVEMBER 2013
www.ti.com
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
DRV8860
UNIT
MIN
MAX
Power supply voltage range (VM)
–0.3
40
V
Digital input pin current range (ENABLE, LATCH, CLK, DIN)
0
20
mA
Digital output pin voltage range (DOUT, nFAULT)
–0.5
7
V
Digital output pin current (DOUT, nFAULT)
–0.5
7
V
Output voltage range (OUTx)
–0.3
40
V
Output current range (OUTx)
Internally limited
A
Operating virtual junction temperature range, TJ
–40
150
°C
Storage temperature range, Tstg
–60
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Power dissipation and thermal limits must be observed
Thermal Information
(1)
over operating free-air temperature range (unless otherwise noted)
DRV8860
THERMAL METRIC
UNITS
PW (16 PINS)
ΘJA
Junction-to-ambient thermal resistance (2)
103
ΘJC(TOP)
Junction-to-case (top) thermal resistance(3)
37.9
ΘJB
Junction-to-board thermal resistance(4)
48
°C/W
ΨJT
Junction-to-top characterization parameter(5)
3
ΨJB
Junction-to-board characterization parameter(6)
47.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC standard
test exists, but a close description can be found in the ANSI SEMI standard 30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ΨJT, estimates the junction temperature of the device in a real system and is extracted
from the simulation data for obtaining
ΘJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ΨJB, estimates the junction temperature of the device in a real system and is
extracted from the simulation data for obtaining
ΘJA, using a procedure described in JESD51-2a (sections 6 and 7).
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VM
Motor power supply voltage range
8.2
38
V
IOUT
Low-side driver current capability
560
mA
TA
Operating ambient temperature range
–40
85
°C
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV8860


Similar Part No. - DRV8860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860APW TI1-DRV8860APW Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8860APWR TI1-DRV8860APWR Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
More results

Similar Description - DRV8860

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
[Old version datasheet]   DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
   Low side driver (8 channel, parallel interface)
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
   60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
logo
Texas Instruments
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com