Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8332HDDV Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8332HDDV
Description  THREE PHASE PWM MOTOR DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8332HDDV Datasheet(HTML) 3 Page - Texas Instruments

  DRV8332HDDV Datasheet HTML 1Page - Texas Instruments DRV8332HDDV Datasheet HTML 2Page - Texas Instruments DRV8332HDDV Datasheet HTML 3Page - Texas Instruments DRV8332HDDV Datasheet HTML 4Page - Texas Instruments DRV8332HDDV Datasheet HTML 5Page - Texas Instruments DRV8332HDDV Datasheet HTML 6Page - Texas Instruments DRV8332HDDV Datasheet HTML 7Page - Texas Instruments DRV8332HDDV Datasheet HTML 8Page - Texas Instruments DRV8332HDDV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DRV8332-HT
www.ti.com
SLES274B – AUGUST 2013 – REVISED JANUARY 2014
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 175°C
DDV
DRV8332HDDV
DRV8332H
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range unless otherwise noted
(1)
VALUE
VDD to GND
–0.3 V to 13.2 V
GVDD_X to GND
–0.3 V to 13.2 V
PVDD_X to GND_X (2)
–0.3 V to 70 V
OUT_X to GND_X (2)
–0.3 V to 70 V
BST_X to GND_X (2)
–0.3 V to 80 V
Maximum bootstrap in rush current, IBST_In
0.4 A
Transient peak output current (per pin), pulse width limited by internal over-current protection circuit.
16 A
Transient peak output current for latch shut down (per pin)
20 A
VREG to AGND
–0.3 V to 4.2 V
GND_X to GND
–0.3 V to 0.3 V
GND to AGND
–0.3 V to 0.3 V
PWM_X, RESET_X to GND
–0.3 V to 4.2 V
OC_ADJ, M1, M2, M3 to AGND
–0.3 V to 4.2 V
FAULT, OTW to GND
–0.3 V to 7 V
Maximum continuous sink current (FAULT, OTW)
9 mA
Maximum operating junction temperature range, TJ
-55°C to 185°C
Storage temperature, TSTG
–55°C to 175°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represent the dc voltage + peak ac waveform measured at the terminal of the device in all conditions.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
PVDD_X
Half bridge X (A, B, or C) DC supply voltage
0
50
52.5
V
GVDD_X
Supply for logic regulators and gate-drive circuitry
10.8
12
13.2
V
VDD
Digital regulator supply voltage
10.8
12
13.2
V
IO_PULSE
Pulsed peak current per output pin (could be limited by thermal)
7
A
IO
Continuous current per output pin (DRV8332)
5
A
FSW
PWM switching frequency
380
kHz
ROCP_CBC
OC programming resistor range in cycle-by-cycle current limit modes
30
200
k
CBST
Bootstrap capacitor range
33
220
nF
TON_MIN
Minimum PWM pulse duration, low side
50
ns
TJ
Operating junction temperature
-55
175
°C
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV8332-HT


Similar Part No. - DRV8332HDDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332HDDV TI1-DRV8332HDDV Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
More results

Similar Description - DRV8332HDDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
   DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
[Old version datasheet]   DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
   DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8317 TI-DRV8317 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8317 Three-Phase PWM Motor Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com