Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8332-HT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8332-HT
Description  THREE PHASE PWM MOTOR DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8332-HT Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8332-HT Datasheet HTML 3Page - Texas Instruments DRV8332-HT Datasheet HTML 4Page - Texas Instruments DRV8332-HT Datasheet HTML 5Page - Texas Instruments DRV8332-HT Datasheet HTML 6Page - Texas Instruments DRV8332-HT Datasheet HTML 7Page - Texas Instruments DRV8332-HT Datasheet HTML 8Page - Texas Instruments DRV8332-HT Datasheet HTML 9Page - Texas Instruments DRV8332-HT Datasheet HTML 10Page - Texas Instruments DRV8332-HT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DRV8332-HT
www.ti.com
SLES274B – AUGUST 2013 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS
TJ = -55°C to 175°C, PVDD = 50 V, GVDD = VDD = 12 V, fSw = 380 kHz, unless otherwise noted. All performance is in
accordance with recommended operating conditions unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal Voltage Regulator and Current Consumption
VREG
Voltage regulator, only used as a reference node
VDD = 12 V
2.85
3.3
3.75
V
Idle, reset mode
9
15
mA
IVDD
VDD supply current
Operating, 50% duty cycle
10.5
Reset mode
1.7
2.5
mA
IGVDD_X
Gate supply current per half-bridge
Operating, 50% duty cycle
8
IPVDD_X
Half-bridge X (A, B, or C) idle current
Reset mode
0.7
1
mA
Output Stage
MOSFET drain-to-source resistance, low side (LS)
TJ = 25°C, GVDD = 12 V
260
m
RDS(on)
MOSFET drain-to-source resistance, high side (HS)
TJ = 25°C, GVDD = 12 V
260
m
VF
Diode forward voltage drop
TJ = 25°C - 125°C, IO = 5 A
1
V
tR
Output rise time
Resistive load, IO = 5 A
14
ns
tF
Output fall time
Resistive load, IO = 5 A
14
ns
tPD_ON
Propagation delay when FET is on
Resistive load, IO = 5 A
38
ns
tPD_OFF
Propagation delay when FET is off
Resistive load, IO = 5 A
38
ns
tDT
Dead time between HS and LS FETs
Resistive load, IO = 5 A
5.5
ns
I/O Protection
Gate supply voltage GVDD_X undervoltage
Vuvp,G
8.5
V
protection threshold
Vuvp,hyst
(1)
Hysteresis for gate supply undervoltage event
0.3
V
IOC
Overcurrent limit protection
Resistor—programmable, nominal, ROCP = 36 kΩ
7.4
A
Time from application of short condition to Hi-Z of
IOCT
Overcurrent response time
250
ns
affected FET(s)
Static Digital Specifications
VIH
High-level input voltage
PWM_A, PWM_B, PWM_C, M1, M2, M3
2
3.6
V
VIH
High-level input voltage
RESET_A, RESET_B, RESET_C
2
3.6
V
PWM_A, PWM_B, PWM_C, M1, M2, M3,
VIL
Low-level input voltage
0.8
V
RESET_A, RESET_B, RESET_C
llkg
Input leakage current
-100
100
μA
OTW / FAULT
Internal pullup resistance, OTW to VREG, FAULT to
RINT_PU
20
26
35
k
VREG
VOH
High-level output voltage
Internal pullup resistor only
1.95
3.3
3.65
V
VOL
Low-level output voltage
IO = 4 mA
0.2
0.4
V
(1)
Specified by design
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DRV8332-HT


Similar Part No. - DRV8332-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
More results

Similar Description - DRV8332-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
   DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
[Old version datasheet]   DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
   DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8317 TI-DRV8317 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8317 Three-Phase PWM Motor Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com