Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FS128SAGMHV103 Datasheet(PDF) 3 Page - SPANSION

Part # S25FS128SAGMHV103
Description  MirrorBit Flash Non-Volatile Memory
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS128SAGMHV103 Datasheet(HTML) 3 Page - SPANSION

  S25FS128SAGMHV103 Datasheet HTML 1Page - SPANSION S25FS128SAGMHV103 Datasheet HTML 2Page - SPANSION S25FS128SAGMHV103 Datasheet HTML 3Page - SPANSION S25FS128SAGMHV103 Datasheet HTML 4Page - SPANSION S25FS128SAGMHV103 Datasheet HTML 5Page - SPANSION S25FS128SAGMHV103 Datasheet HTML 6Page - SPANSION S25FS128SAGMHV103 Datasheet HTML 7Page - SPANSION S25FS128SAGMHV103 Datasheet HTML 8Page - SPANSION S25FS128SAGMHV103 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 154 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that product qual-
ification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication Number S25FS-S_00
Revision 04
Issue Date November 6, 2013
Features
 Density
– 128 Mbits (16 Mbytes)
– 256 Mbits (32 Mbytes)
 Serial Peripheral Interface (SPI)
– SPI Clock polarity and phase modes 0 and 3
– Double Data Rate (DDR) option
– Extended Addressing: 24- or 32-bit address options
– Serial Command subset and footprint compatible with S25FL-A,
S25FL-K, S25FL-P, and S25FL-S SPI families
– Multi I/O Command subset and footprint compatible with S25FL-P,
and S25FL-S SPI families
 Read
– Commands: Normal, Fast, Dual I/O, Quad I/O, DDR Quad I/O
– Modes: Burst Wrap, Continuous (XIP), QPI
– Serial Flash Discoverable Parameters (SFDP) and Common Flash
Interface (CFI), for configuration information
 Program
– 256- or 512-byte Page Programming buffer
– Program suspend and resume
 Erase
– Hybrid sector option
– Physical set of eight 4-kbyte sectors and one 32-kbyte sector at
the top or bottom of address space with all remaining sectors of
64 kbytes
– Uniform sector option
– Uniform 64-kbyte or 256-kbyte blocks for software compatibility
with higher density and future devices
– Erase suspend and resume
– Erase status evaluation
– 100,000 Program-Erase Cycles on any sector, minimum
– 20 Year Data Retention, typical
 Security Features
– One-Time Program (OTP) array of 1024 bytes
– Block Protection:
– Status Register bits to control protection against program or
erase of a contiguous range of sectors
– Hardware and software control options
– Advanced Sector Protection (ASP)
– Individual sector protection controlled by boot code or password
– Option for password control of read access
 Technology
– Spansion 65 nm MirrorBit Technology with Eclipse
Architecture
 Supply Voltage
– 1.7V to 2.0V
 Temperature Range
– Industrial (0
°C to +85°C)
– Automotive (–40
°C to +105°C)
 Packages (All Pb-Free)
– 8-lead SOIC 208 mil (SOC008) - FS128S only
– WSON 6x5 mm (WND008) - FS128S only
– WSON 6x8 mm (WNH008) - FS256S only
– 16-lead SOIC 300 mil (SO3016- FS256S only)
– BGA-24 6x8 mm
– 5x5 ball (FAB024) footprint
– 4x6 ball (FAC024) footprint
– Known Good Die, and Known Tested Die
S25FS-S Family
MirrorBit
® Flash Non-Volatile Memory
1.8-Volt Single Supply with CMOS I/O
Serial Peripheral Interface with Multi-I/O
S25FS128S 128 Mbit (16 Mbyte)
S25FS256S 256 Mbit (32 Mbyte)
Data Sheet (Preliminary)


Similar Part No. - S25FS128SAGMHV103

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FS128S CYPRESS-S25FS128S Datasheet
4Mb / 151P
   1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
More results

Similar Description - S25FS128SAGMHV103

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
logo
Freescale Semiconductor...
S12FTS128KV1 FREESCALE-S12FTS128KV1 Datasheet
580Kb / 46P
   128k byte Flash (Non-Volatile) Memory
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
SPANSION
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S29GL01GS11TFI020 SPANSION-S29GL01GS11TFI020 Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10DHIV10 SPANSION-S29GL128S10DHIV10 Datasheet
906Kb / 106P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL512S11DHI010 SPANSION-S29GL512S11DHI010 Datasheet
2Mb / 106P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com