Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM383 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DM383
Description  DM383 DaVinc Digital Media Processor
Download  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM383 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DM383 Datasheet HTML 4Page - Texas Instruments DM383 Datasheet HTML 5Page - Texas Instruments DM383 Datasheet HTML 6Page - Texas Instruments DM383 Datasheet HTML 7Page - Texas Instruments DM383 Datasheet HTML 8Page - Texas Instruments DM383 Datasheet HTML 9Page - Texas Instruments DM383 Datasheet HTML 10Page - Texas Instruments DM383 Datasheet HTML 11Page - Texas Instruments DM383 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 267 page
background image
DM383
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
www.ti.com
2
Device Overview
2.1
Device Comparison
2.2
Device Characteristics
Table 2-1 provides an overview of the DM383 DaVinci™ Digital Media Processors,, which includes
significant features of the device, including the capacity of on-chip RAM, peripherals, and the package
type with pin count.
Table 2-1. Characteristics of the Processor
HARDWARE FEATURES
DM383
1 16-/24-bit HD Capture Port or
2 8-bit SD Capture Ports
and
1 8/16/24-bit HD Input Port
and
1 8-bit SD Input Port
and
HD Video Processing Subsystem (HDVPSS)
1 16-/24-/30-bit HD Display Port
or 1 HDMI 1.3 Transmitter
and
1 16-/24-bit HD Display Port
and
1 SD Video DAC
and
3 HD Video DACs
1 Parallel Camera Input for Raw (up to 16-
bit)
Imaging Subsystem (ISS)
and BT.656/BT.1120 (8/16-bit)
and 1 CSI2 Serial Input
DDR2/3 Memory Controller
16-/32-bit Bus Width
Asynchronous (8-/16-bit bus width)
GPMC + ELM
RAM, NOR, NAND
64 Independent Channels
EDMA
8 QDMA Channels
2 (Supports High- and Full-Speed as a
Peripherals
USB 2.0
Device and
High-, Full-, and Low-Speed as a Host)
Not all peripherals
pins are available at
8 (32-bit General purpose)
the same time (for
Timers
and
more details, see the
1 (System Watchdog)
Device Configurations
section).
3 (with SIR, MIR, FIR, CIR support and
UART
RTS/CTS flow control)
(UART0 Supports Modem Interface)
SPI
4 (Each supporting up to 4 slave devices)
1 (1-bit or 4-bit or 8-bit modes)
and
MMC/SD/SDIO
1 (8-bit mode) or
2 (1-bit or 4-bit modes)
I2C
4 Master or Slave
Media Controller
Controls HDVPSS, HDVICP2, and ISS
2 (6/2 Serializers, each with
McASP
Transmit/Receive and DIT capability)
Controller Area Network (DCAN)
2
Serial ATA (SATA) 3.0 Gbps
1 (Supports 1 Hard Disk Drive)
RTC
1
GPIO
Up to 125 pins
8
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM383


Similar Part No. - DM383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM383AAAR11 TI1-DM383AAAR11 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM383AAAR21 TI1-DM383AAAR21 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM383AAAR21F TI1-DM383AAAR21F Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
More results

Similar Description - DM383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DMVA3 TI1-DMVA3 Datasheet
2Mb / 287P
[Old version datasheet]   DMVA3 and DMVA4 DaVinc Digital Media Processor
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com